Electronic Components Datasheet Search
  English  ▼

X  

MIC864YMX Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC864YMX
Description  Dual 350kHz Rail-to-Rail Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC864YMX Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC864YMX Datasheet HTML 1Page - Micrel Semiconductor MIC864YMX Datasheet HTML 2Page - Micrel Semiconductor MIC864YMX Datasheet HTML 3Page - Micrel Semiconductor MIC864YMX Datasheet HTML 4Page - Micrel Semiconductor MIC864YMX Datasheet HTML 5Page - Micrel Semiconductor MIC864YMX Datasheet HTML 6Page - Micrel Semiconductor MIC864YMX Datasheet HTML 7Page - Micrel Semiconductor MIC864YMX Datasheet HTML 8Page - Micrel Semiconductor MIC864YMX Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC864
Dual 350kHz Rail-to-Rail
Operational Amplifier
General Description
The MIC864 is a dual operational amplifier offering small-
size,
low-power
consumption
(33µA/channel
typical),
‘greater-than-the-rails’ input capability, and output range
to within 15mV of the supply rails. The MIC864 can be
operated with a single supply of +2.5V to +5.5V or a dual-
supply of ±1.25V to ±2.75V, and features an excellent
speed/power ratio with a gain bandwidth product of
350kHz.
The
MIC864
was
designed
with
input
stage
transconductance normalization, making it immune to
common-mode rejection ratio (CMRR) and power supply
rejection ratio (PSRR) degradation across the input
voltage range. This feature makes the MIC864 superior to
some earlier operational amplifiers, in which a region of
the
input
voltage
range
was
subject
to
degraded
performance.
The MIC864 is available with an industry standard pin
configuration in an 8-pin SOIC package, as well as a low
profile extra-thin (XTDFN) package and is specified to
operate from
−40°C to +125°C junction temperature.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 2.5V to 5.5V single or ±1.25V to ±2.75V dual supply
voltage
• 33µA per channel quiescent current
• 350kHz gain bandwidth product
• 0.2V/µs slew rate
• 18mA output drive capability (sink or source)
• 200mV greater-than-the-rails input capability
• Rail-to-rail output (within 15mV)
• 80dB common mode rejection ratio (CMRR)
• 80dB power supply rejection ratio (PSRR)
• 8-pin SOIC package
• 10-pin 2.5mm x 2.5mm x 0.4mm XTDFN package
Applications
• Battery-powered equipment
• Cellular phone PA biasing circuits
• Carbon monoxide detectors
• Smoke detectors
_________________________________________________________________________________________________________________________
Pin Configuration
MIC864 8-Pin SOIC (M)
(Top View)
MIC864 10-Pin 2.5mm x 2.5mm XTDFN (MX)
(Top View)
1.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
June 30, 2014
063014-2.0


Similar Part No. - MIC864YMX

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC864YM MICREL-MIC864YM Datasheet
442Kb / 9P
Dual 350kHz Rail-to-Rail Operational Amplifier
More results

Similar Description - MIC864YMX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
Apr-1999
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
Rail-to-Rail CMOS Dual Operational Amplifier
Feb-2006
TS912 STMICROELECTRONICS-TS912_07 Datasheet
205Kb / 18P
Rail-to-rail CMOS dual operational amplifier
16-Oct-2007
logo
Micrel Semiconductor
MIC864 MICREL-MIC864_12 Datasheet
442Kb / 9P
Dual 350kHz Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704_10 Datasheet
83Kb / 9P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
Dual Rail-to-Rail Output Operational Amplifier
logo
E-CMOS Corporation
EC5731 E-CMOS-EC5731 Datasheet
821Kb / 13P
350kHz, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
logo
Zhaoxingwei Electronics...
ISL28130CHZ ZHAOXINGWEI-ISL28130CHZ Datasheet
1Mb / 11P
350kHz, Zero-Drift, CMOS,Rail-to-Rail Operational Amplifier
logo
STMicroelectronics
TS912B STMICROELECTRONICS-TS912B Datasheet
1Mb / 21P
Rail-to-rail CMOS dual operational amplifier
06-Nov-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com