Electronic Components Datasheet Search
  English  ▼

X  

MIC864YMX Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC864YMX
Description  Dual 350kHz Rail-to-Rail Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC864YMX Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC864YMX Datasheet HTML 1Page - Micrel Semiconductor MIC864YMX Datasheet HTML 2Page - Micrel Semiconductor MIC864YMX Datasheet HTML 3Page - Micrel Semiconductor MIC864YMX Datasheet HTML 4Page - Micrel Semiconductor MIC864YMX Datasheet HTML 5Page - Micrel Semiconductor MIC864YMX Datasheet HTML 6Page - Micrel Semiconductor MIC864YMX Datasheet HTML 7Page - Micrel Semiconductor MIC864YMX Datasheet HTML 8Page - Micrel Semiconductor MIC864YMX Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC864
Absolute Maximum Ratings
(2)
Supply Voltage (V+ to V
−)...........................................+6.0V
Differential Input Voltage (|V+IN − V-IN|)........................+6.0V
Input Voltage (V+IN, V−IN) ............... (V+) + 0.2V, (V−) − 0.2V
Output Short-Circuit Duration............................. Continuous
Lead Temperature (soldering, 10s)............................ 260°C
Storage Temperature (TS)......................... −65°C to +150°C
Junction Temperature (TJ) ........................ −40°C to +150°C
ESD Rating
(4)................................................. ESD Sensitive
Operating Ratings
(3)
Supply Voltage (V+ to V
−)............................ +2.5V to +5.5V
Differential Input Voltage (|V+IN − V-IN_|)........ +2.5V to +5.5V
Input Voltage (V+IN, V−IN).................(V+) + 0.2V, (V−) − 0.2V
Ambient Temperature (TA) ........................ –40°C to +125°C
Package Thermal Resistance
SOIC-8 (
θ
JA)....................................................... 99°C/W
2.5mm x 2.5mm XTDF-10 (
θ
JA) ......................... 73°C/W
Electrical Characteristics
(5)
V+ = +2.5V, V
− = −2.5V, V
CM = ((V+) – (V-))/2; RL =
100kΩ connected to ((V+) – (V−))/2; TJ = +25°C, unless otherwise noted.
Bold values indicate –40
°C ≤ T
J ≤ +125°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOS
Input Offset Voltage
2
8
mV
Input Offset Voltage
Temperature Coefficient
4
µV/
°C
IB
Input Bias Current
±2.5
±20
pA
IOS
Input Offset Current
±0.5
±15
pA
VCM
Input Voltage Range
(V
−) − 0.2
(V+) + 0.2
V
CMRR
Common-Mode Rejection
Ratio
(V
−) − 0.2V < V
CM < (V+) + 0.2V
54
80
dB
PSRR
Power Supply Rejection
Ratio
2.5
< V
S < 5.25V
80
dB
AVOL
Large-Signal Voltage Gain
CL = 100pF, RL = 100kΩ
80
dB
VOUT
Maximum Output Voltage
Swing
RL = 100kΩ
(V
−) + 0.015
(V+)
− 0.015
V
RL = 5kΩ
(V
−) + 0.125
(V+)
− 0.125
GBW
Gain-Bandwidth Product
CL = 100pF, RL = 100kΩ
350
kHz
SR
Slew Rate
AV = 1, CL = 100pF, RL = 100kΩ
0.2
V/µs
ISC
Short-Circuit Output
Current
Source, RL connected to V
−
23
mA
Sink, RL connected to V+
15
IS
Supply Current per
Amplifier
No Load
33
50
µA
Notes:
2.
Exceeding the absolute maximum rating may damage the device.
3.
The device is not guaranteed to function outside its operating rating.
4.
Devices are ESD Sensitive. Handling precautions recommended. Human body model, 1.5k
Ω in series with 100pF.
5.
Specification for packaged product only.
June, 2014
3
063014-2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com