Electronic Components Datasheet Search
  English  ▼

X  

MIC864YMX Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC864YMX
Description  Dual 350kHz Rail-to-Rail Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC864YMX Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC864YMX Datasheet HTML 1Page - Micrel Semiconductor MIC864YMX Datasheet HTML 2Page - Micrel Semiconductor MIC864YMX Datasheet HTML 3Page - Micrel Semiconductor MIC864YMX Datasheet HTML 4Page - Micrel Semiconductor MIC864YMX Datasheet HTML 5Page - Micrel Semiconductor MIC864YMX Datasheet HTML 6Page - Micrel Semiconductor MIC864YMX Datasheet HTML 7Page - Micrel Semiconductor MIC864YMX Datasheet HTML 8Page - Micrel Semiconductor MIC864YMX Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
MIC864
Typical Characteristics
V+ =
VS/2 = 2.5V, V− = −VS/2 = −2.5V, RL
= 100kΩ , RL and CL connected in parallel to GND; TA = +25°C, unless otherwise noted.
PSRR vs. Frequency
-20
0
20
40
60
80
100
10
100
1000
10000
100000
1000000
FREQUENCY (Hz)
PSRR (100kΩ)
PSRR (100kΩ || 100pF)
10
100
1k
10k
100k
1M
CMRR vs. Frequency
-20
0
20
40
60
80
100
10
100
1000
10000
100000
1000000
FREQUENCY (Hz)
CMRR (100kΩ)
CMRR (100kΩ || 100pF)
10
100
1k
10k
100k
1M
Open-Loop Gain and Phase
vs. Frequency
-20
0
20
40
60
80
100
1
10
100
1000
10000 100000 1000000
FREQUENCY (Hz)
-225
-180
-135
-90
-45
0
45
Gain (100
kΩ)
Phase (100
kΩ)
1
10
100
1k
10k
100k
1M
GAIN (100k
Ω)
PHASE (100k
Ω)
Open-Loop Gain and Phase
vs. Frequency
-20
0
20
40
60
80
100
1
10
100
1000
10000 100000 1000000
FREQUENCY (Hz)
-225
-180
-135
-90
-45
0
45
Gain (100
kΩ & 100pF)
Phase (100
kΩ || 100pF)
1
10
100
1k
10k
100k
1M
GAIN (100k
Ω AND 100pF)
PHASE (100k
Ω II 100pF)
Open-Loop Gain and Phase
vs. Frequency
-20
0
20
40
60
80
100
1
10
100
1000
10000 100000 1000000
FREQUENCY (Hz)
-225
-180
-135
-90
-45
0
45
Gain (5
kΩ)
Phase (5
kΩ)
1
10
100
1k
10k
100k
1M
GAIN (5k
Ω)
PHASE (5k
Ω)
Open-Loop Gain and Phase
vs. Frequency
-20
0
20
40
60
80
100
1
10
100
1000
10000 100000 1000000
FREQUENCY (Hz)
-225
-180
-135
-90
-45
0
45
Gain (5
kΩ || 100pF)
Phase (5
kΩ || 100pF)
1
10
100
1k
10k
100k
1M
GAIN (5k
Ω II 100pF)
PHASE (5k
Ω II 100pF)
Output Voltage Swing vs.
Output Current
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
5
10
15
20
25
30
OUTPUT CURRENT (mA)
=+IN = 0V, Sinking, RL to V+
+IN = 5V, Sourcing, RL to V-
+IN = 0V, SINKING, RL TO V+
+IN = 5V, SOURCING, RL TO V-
Supply Current vs. Supply
Voltage
0
10
20
30
40
50
60
70
80
90
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
DUAL OP AMP
SINGLE OP AMP
NO LOAD
Short Circuit Current vs. Supply
Voltage
0
5
10
15
20
25
30
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
+IN = 0V, Sinking, RL to V+
+IN = 5V, Sourcing, RL to V-
+IN = 5V, SOURCING, RL TO V-
+IN = 0V, SINKING, RL TO V+
June, 2014
4
063014-2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com