Electronic Components Datasheet Search
  English  ▼

X  

MIC864YMX Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC864YMX
Description  Dual 350kHz Rail-to-Rail Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC864YMX Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC864YMX Datasheet HTML 1Page - Micrel Semiconductor MIC864YMX Datasheet HTML 2Page - Micrel Semiconductor MIC864YMX Datasheet HTML 3Page - Micrel Semiconductor MIC864YMX Datasheet HTML 4Page - Micrel Semiconductor MIC864YMX Datasheet HTML 5Page - Micrel Semiconductor MIC864YMX Datasheet HTML 6Page - Micrel Semiconductor MIC864YMX Datasheet HTML 7Page - Micrel Semiconductor MIC864YMX Datasheet HTML 8Page - Micrel Semiconductor MIC864YMX Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
MIC864
Ordering Information
Part Number
Marking
Junction Temperature Range
Package
MIC864YM
864YM
–40
°C to +125°C
8-Pin SOIC
MIC864YMX
864
–40
°C to +125°C
10-Pin Extra Thin DFN (2.5mm x 2.5mm x 0.4mm)
(1)
Note:
1.
Extra Thin DFN package pin 1 identifier =
▼.
Pin Configuration
5
6
7
8
9
10
NC
NC
8-Pin SOIC (M)
(Top View)
10-Pin 2.5mm x 2.5mm XTDFN (MX)
(Top View)
Pin Description
Pin Number
SOIC
Pin Number
XTDFN
Pin
Name
Pin Function
1
1
OUTA
Output of operational amplifier A.
2
2
−INA
Inverting input of operational amplifier A.
3
3
+INA
Non-inverting input of operational amplifier A.
4
4
V
−
Negative Power Supply Connection. Connect to GND for single supply operation.
5
7
+INB
Non-inverting input of operational amplifier B.
6
8
−INB
Inverting input of operational amplifier B.
7
9
OUTB
Output of operational amplifier B.
8
10
V+
Positive Power Supply Input. Connect a 0.1µF ceramic bypass capacitor from V+ to
V
−, placed within 0.2in (5mm) of the MIC864.
-
5, 6
NC
Not internally connected, leave unconnected.
-
EP
ePad
Heatsink pad, connect to GND for best thermal performance.
June, 2014
2
063014-2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com