Electronic Components Datasheet Search
  English  ▼

X  

IR35201MTYPBF Datasheet(PDF) 32 Page - International Rectifier

Part # IR35201MTYPBF
Description  80/71/62 Dual Output Digital Multi-Phase Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35201MTYPBF Datasheet(HTML) 32 Page - International Rectifier

Back Button IR35201MTYPBF Datasheet HTML 28Page - International Rectifier IR35201MTYPBF Datasheet HTML 29Page - International Rectifier IR35201MTYPBF Datasheet HTML 30Page - International Rectifier IR35201MTYPBF Datasheet HTML 31Page - International Rectifier IR35201MTYPBF Datasheet HTML 32Page - International Rectifier IR35201MTYPBF Datasheet HTML 33Page - International Rectifier IR35201MTYPBF Datasheet HTML 34Page - International Rectifier IR35201MTYPBF Datasheet HTML 35Page - International Rectifier IR35201MTYPBF Datasheet HTML 36Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
8+0/7+1/6+2 Dual Output Digital Multi-Phase Controller
IR35201
www.irf.com | © 2016 International Rectifier
February 8, 2015 | V1.6
32
TABLE 20: HIGH-SPEED THRESHOLDS
Register
Function
Hspb_enable
Dedicated bit to enable/disable HSPB.
Resetting this bit will result in the HSPB
function not being activated, regardless of the
error voltage or load oscillation frequency
settings.
Hspb_hth
Error Voltage threshold.
Activates HSPB when the threshold is
exceeded.
0mV – 60mV, 4mV resolution
Hspb_fth
Load Oscillation Frequency Threshold.
Activates HSPB when the load oscillation
frequency is above threshold.
0kHz – 703.5kHz, 46.9kHz resolution.
DYNAMIC VID SLEW RATE
The IR35201 provides the VR designer 16 fast slew
rates each of which can be further configured to 4
different slow slew rates by selecting a slew rate
setting as shown . These slew rates can be further
reduced ½, 1/4, 1/8, and 1/16
TABLE 21: SLEW RATES
mV/
µs
Fast
Rate
x 1/2
Factor
x 1/4
Factor
x 1/8
Factor
x 1/16
Factor
10
5.0
2.50
1.25
0.0625
15
7.5
3.75
1.875
0.94
20
10
5.00
2.50
1.25
25
12.5
6.25
3.125
1.56
30
15
7.5
3.75
1.88
35
17.5
8.75
4.375
2.19
40
20
10
5.0
2.5
45
22.5
11.25
5.625
2.81
50
25
12.5
6.25
3.125
55
27.5
13.75
6.875
3.4375
60
30
15
7.5
3.75
65
32.5
16.25
8.125
4.0625
70
35
17.5
8.75
4.375
80
40
20
10
5
85
42.5
21.25
10.625
5.3125
95
47.5
23.75
11.875
5.9375
Note: The maximum DVID rate is limited by the inductor
current available to charge the output capacitors. High
DVID rates may not be possible if the output capacitor and
inductor combination does not allow the output voltage to
change at the selected rate.
DYNAMIC VID COMPENSATION
The IR35201 can compensate for the error produced
by the current feedback in a system with AVP (Active
Voltage Positioning) when the output voltage is
ramping to a higher voltage. An output capacitance
term and an AVP bandwidth term are provided in the
MTP registers to help model the effects of variation in
output voltage during a voltage ramp, due to the
inrush current seen by the output bulk capacitors.
Once properly modeled, the output voltage will follow
the DAC more closely during a positive dynamic VID,
and provide better dynamic VID alert timing, as
required by Intel
® processors. Figure 32 shows the
effects that Dynamic VID Compensation has on the
output voltage and the alert timing.
Figure 32: Dynamic VID Compensation
EFFICIENCY SHAPING
In addition to CPU-specified Power States, the
IR35201 features Efficiency Shaping Technology that
enables VR designers to cost-effectively maximize
system efficiency. Efficiency Shaping Technology
consists of Dynamic Phase Control to achieve the
best VR efficiency at a given cost point.
POWER-SAVING STATES
The IR35201 uses Power States to set the power-
savings mode. These are summarized in Table 22.
TABLE 22: POWER STATES
Power
State
Mode
Recommended
Current
DVID COMP ON;
3000uF
DVID COMP OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com