Electronic Components Datasheet Search
  English  ▼

X  

IR35201MTYPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IR35201MTYPBF
Description  80/71/62 Dual Output Digital Multi-Phase Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35201MTYPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IR35201MTYPBF Datasheet HTML 4Page - International Rectifier IR35201MTYPBF Datasheet HTML 5Page - International Rectifier IR35201MTYPBF Datasheet HTML 6Page - International Rectifier IR35201MTYPBF Datasheet HTML 7Page - International Rectifier IR35201MTYPBF Datasheet HTML 8Page - International Rectifier IR35201MTYPBF Datasheet HTML 9Page - International Rectifier IR35201MTYPBF Datasheet HTML 10Page - International Rectifier IR35201MTYPBF Datasheet HTML 11Page - International Rectifier IR35201MTYPBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
8+0/7+1/6+2 Dual Output Digital Multi-Phase Controller
IR35201
www.irf.com | © 2016 International Rectifier
February 8, 2015 | V1.6
8
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC)
GND-0.3V to 4.0V
RCSPx, RCSMx
0 to 2.2V
VSEN, VRTN, ISENx, IRTNx
GND-0.2V to VCC + 0.3V
CFILT, VINSEN, I_IN
GND-0.2V to 2.2V
TSENx
GND-0.3V to VCC
SV_CLK, SV_DIO, SV_ALERT#, SV_ADDR
GND-0.3V to VCC
VRDYx, ENx, ADDR_PROT, VRHOT_ICRIT#, PIN_ALERT#
GND-0.3V to VCC
PWMx,
GND-0.3V to 4.1V
SM_DIO, SM_CLK, SM_ALERT#
GND-0.3V to 5.5V
ESD Rating
Human Body Model
2000V
Machine Model
200V
Charge Device Model
1000V
Thermal Information
Thermal Resistance (θJA & θJC)
1
29°C/W & 3°C/W
Maximum Operating Junction Temperature
-40°C to +125°C
Maximum Storage Temperature Range
-65°C to +150°C
Maximum Lead Temperature (Soldering 10s)
300°C
Note:
1. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications are not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com