Electronic Components Datasheet Search
  English  ▼

X  

IR35201MTYPBF Datasheet(PDF) 45 Page - International Rectifier

Part # IR35201MTYPBF
Description  80/71/62 Dual Output Digital Multi-Phase Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35201MTYPBF Datasheet(HTML) 45 Page - International Rectifier

Back Button IR35201MTYPBF Datasheet HTML 41Page - International Rectifier IR35201MTYPBF Datasheet HTML 42Page - International Rectifier IR35201MTYPBF Datasheet HTML 43Page - International Rectifier IR35201MTYPBF Datasheet HTML 44Page - International Rectifier IR35201MTYPBF Datasheet HTML 45Page - International Rectifier IR35201MTYPBF Datasheet HTML 46Page - International Rectifier IR35201MTYPBF Datasheet HTML 47Page - International Rectifier IR35201MTYPBF Datasheet HTML 48Page - International Rectifier IR35201MTYPBF Datasheet HTML 49Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
8+0/7+1/6+2 Dual Output Digital Multi-Phase Controller
IR35201
www.irf.com | © 2016 International Rectifier
February 8, 2015 | V1.6
45
PSI[x]_L and TFN
PSI0_L is Power State Indicator Level 0. When this bit
is asserted the IR35201 will drop to 1 phase
depending on configuration. This will only occur if the
output current is low enough (typically <20A) to enter
PSI0, else the VR will remain in full phase operation.
PSI1_L is Power State Indicator Level 1. When this bit
is asserted along with the PSI0_L bit, the IR35201 will
enter diode emulation mode. This will only occur if the
output current is low enough (typically <5A) to enter
PSI1, else the VR will enter PSI0_L mode of
operation.
TFN is an active high signal that allows the processor
to control the telemetry functionality of the VR. If
TFN=1, then the VR telemetry will be configured per
Table 55.
TABLE 55: TFN TRUTH TABLE
VDD, VDDNB Domain
Selector bit
Meaning
0, 0
Telemetry is in voltage only mode.
0, 1
Telemetry is in voltage
& current mode.
1, 0
Telemetry is disabled.
1, 1
Reserved.
SVT Telemetry
The IR35201 has the ability to sample and report
voltage and current for the VDD and VDDNB
domains. The IR35201 reports this telemetry serially
over the SVT wire which is clocked by the processor
driven SVC. If in voltage-only telemetry mode then the
sampled voltage for VDD and VDDNB are sent
together in every SVT telemetry packet at a rate of
20kHz. If in voltage and current mode then the
sampled voltage and current for VDD is sent out in
one SVT telemetry packet followed by the sampled
voltage and current for VDDNB in the next SVT
telemetry packet at a rate of 40kHz. The voltage and
current are moving averages based on the filters and
update rates specified in the Electrical Specification
Table. The voltage is reported as a function of the Set
VID minus Iout times the Load Line Resistance. The
current is reported as a percentage of the Icc_max
register, where a value of FFh represents 100% and
00h represents 0% of the Icc_max setting. Resolution
of the current reporting is 0.39% (1/256).
Load Line Slope Trim
The IR35201 has the ability for the processor to
change the load line slope of each loop independently
through the SVI2 bus while ENABLE and PWROK are
asserted via the serial VID interface. The slope
change applies to initial load line slope as set by the
external RCSP/RCSM resistor network. The load line
slope can be disabled or adjusted by -40%, -20%, 0%,
+20%, +40%, +60%, or +80%.
Offset Trim
The IR35201 has the ability for the processor to
change the offset of each loop independently while
ENABLE and PWROK are asserted via the serial VID
interface. The offset can be left unchanged, disabled,
or changed +25mV or -25mV.
Ispike/Dual OCP Support
The IR35201 has two current limit thresholds. One
threshold is for short duration current spikes (Fast
OCP). When this threshold, typically a percentage
above the peak processor current, is exceeded, the
VR quickly shuts down. The other threshold, typically
a percentage above the thermal design current (TDC),
is heavily filtered (Slow OCP) and shuts down the VR
when the average current exceeds it. To meet AMD
specifications, exceeding both thresholds will assert
the OCP_L (VR_HOT) pin and delay the over-current
shut down by 10usec for FAST threshold and 20usec
for the SLOW threshold, typically. Figure 50 and
Figure 51 show the delay action of the OCP shutdown
with the OCP_L (VR_HOT) and PWRGD pins.
Figure 50: OCP_L (VR_HOT) assertion with
OCP_spike (Fast) threshold. OCP delay action (11usec)
OCP Delay
(fast)
Over-current
detected
VR shuts
down
Vdd
Idd
OCP_L
PG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com