Electronic Components Datasheet Search
  English  ▼

X  

IR35201MTYPBF Datasheet(PDF) 33 Page - International Rectifier

Part # IR35201MTYPBF
Description  80/71/62 Dual Output Digital Multi-Phase Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35201MTYPBF Datasheet(HTML) 33 Page - International Rectifier

Back Button IR35201MTYPBF Datasheet HTML 29Page - International Rectifier IR35201MTYPBF Datasheet HTML 30Page - International Rectifier IR35201MTYPBF Datasheet HTML 31Page - International Rectifier IR35201MTYPBF Datasheet HTML 32Page - International Rectifier IR35201MTYPBF Datasheet HTML 33Page - International Rectifier IR35201MTYPBF Datasheet HTML 34Page - International Rectifier IR35201MTYPBF Datasheet HTML 35Page - International Rectifier IR35201MTYPBF Datasheet HTML 36Page - International Rectifier IR35201MTYPBF Datasheet HTML 37Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
8+0/7+1/6+2 Dual Output Digital Multi-Phase Controller
IR35201
www.irf.com | © 2016 International Rectifier
February 8, 2015 | V1.6
33
PS0
Full Power
Maximum
PS1
Light Load 1-2Φ
<20A
PS2
1Φ Active Discontinuous
(Diode Emulation)
<5A
PS3
1Φ Passive Discontinuous
(Diode Emulation)
<1A
PS4
Output Voltage DVID or
Decay Down to zero
depending upon
configuration in
“ps4_dvid_or_decay”
registor. PWM signals of
all phases are tristated.
Near OFF
The Power States may be commanded through
I2C/PMBus, the SVID interface, or the IR35201 can
autonomously step through the Power States based
upon the regulator conditions as summarized in Table
23. PS4 can only be commanded with an SVID
command
IVID REGISTER
IVID efficiency registers are new additions to the
family of SVID registers of the IMVP8 specification.
When sent an SVID command associated with IVID
registers, IR35201 acknowledges the command and
stores the received information into the IVID registers.
However, IR35201 does not use the information
received in IVID registers for any purpose. Instead, it
uses the user set-up phase shed function to optimize
the VR’s efficiency across the entire operating current
range.
Table 23: Power State Entry/Exit
Command Mode
Auto Mode
PS1
Entry
a) Command
n/a if Phase Shed enabled
PS1
Exit
a) Command to PS0
b) DVID to PS0
c) Current limit to PS0
n/a if Phase Shed enabled
PS2
Entry
a) Command
Current level in 1Φ
PS2
Exit
a) Command to PS1/0
b) DVID to PS0
c) Current limit to PS0
Fsw > Fsw_desired
to PS0, DVID to PS0,
Current limit to PS0
PS3
Entry
a) Command
Current level in 1Φ
PS3
Exit
a) Command to PS2/1/0
b) DVID to PS0
c) Current limit to PS0
Fsw > Fsw_desired
to PS0, DVID to PS0,
Current limit to PS0
PS4
Entry
a)
Command
n/a
PS4
a)
In Single Mode- Any
n/a
Exit
SVID Clock Toggle.
b)
In Multi Mode – Any
SetVID Command
.
DYNAMIC PHASE CONTROL (DPC) IN PS0
IR35201 optionally supports the ability to
autonomously adjust the number of phases with load
current, thus optimizing efficiency over a wide range
of loads.
The output current level at which a phase is added
can be programmed individually for each phase for
optimum results (Table 24).
TABLE 24: DPC THRESHOLDS
Register (2A steps)
Function
Phase1_thresh
2Φ when I > Phase1_thresh
Phase2_delta
3Φ when I > Phase1_thresh +
Phase2_delta
Phase3_delta
4Φ when I > Phase1_thresh +
Phase2_delta+Phase3_delta
Phase4_delta
5Φ when I > Phase1_thresh +
Phase2_delta+Phase3_delta+
Phase4_delta
Phase5_delta
6Φ when I > Phase1_thresh +
Phase2_delta+Phase3_delta+
Phase4_delta+Phase5_delta
Phase6_delta
7Φ and 8Φ when I > Phase1_thresh +
Phase2_delta + Phase3_delta +
Phase4_delta + Phase5_delta +
Phase6_delta
As shown in Figure 33 (loop one, 8-phase example
shown), the designer can configure the VR to
dynamically add or shed phases as the load current
varies. Both control loops of the IR35201 have the
DPC feature.
Figure 33: Dynamic Phase Control Regions
-
8Ø
Per phase
Programmable
Threshold for Auto
Phase Shed
Load Current
3Ø
2Ø
1Ø
Programmable
Threshold for
Auto DCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com