Electronic Components Datasheet Search
  English  ▼

X  

PCA9516 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9516
Description  5-channel I2C hub
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9516 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9516 Datasheet HTML 2Page - NXP Semiconductors PCA9516 Datasheet HTML 3Page - NXP Semiconductors PCA9516 Datasheet HTML 4Page - NXP Semiconductors PCA9516 Datasheet HTML 5Page - NXP Semiconductors PCA9516 Datasheet HTML 6Page - NXP Semiconductors PCA9516 Datasheet HTML 7Page - NXP Semiconductors PCA9516 Datasheet HTML 8Page - NXP Semiconductors PCA9516 Datasheet HTML 9Page - NXP Semiconductors PCA9516 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product data
PCA9516
5-channel I2C hub
2002 May 13
7
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
tPHL
Propagation delay
Waveform 1
57
115
170
ns
tPLH
Propagation delay
Waveform 1
33
55
78
ns
tTHL
Transition time
Waveform 1
67
ns
tTLH
Transition time
Waveform 1; Note 1
135
ns
tSET
Enable to Start condition
100
ns
tHOLD
Enable after Stop condition
100
ns
NOTE:
1. The tTLH transition time is guaranteed with loads of 1.35 kΩ pull-up resistance and 7 pF load capacitance, plus an additional 50 pF load
capacitance. Different load resistance and capacitance will alter the RC time constant, thereby changing the propagation delay and
transition times.
AC WAVEFORMS
3.3 V
0.1 V
1.5 V
1.5 V
INPUT
OUTPUT
3.3 V
VOL
tPHL
tPLH
80%
20%
1.5 V
1.5 V
80%
20%
tTHL
tTLH
SW00646
Waveform 1.
TEST CIRCUIT
DEFINITIONS
RL = Load resistor; 1.35 kΩ
CL = Load capacitance includes jig and probe capacitance;
7 pF
RT = Termination resistance should be equal to ZOUT of
pulse generators.
PULSE
GENERATOR
VIN
D.U.T.
VOUT
CL
VCC
RL
Test Circuit for Open Drain Outputs
RT
SW00792
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com