Electronic Components Datasheet Search
  English  ▼

X  

PCA9516 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9516
Description  5-channel I2C hub
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9516 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9516 Datasheet HTML 1Page - NXP Semiconductors PCA9516 Datasheet HTML 2Page - NXP Semiconductors PCA9516 Datasheet HTML 3Page - NXP Semiconductors PCA9516 Datasheet HTML 4Page - NXP Semiconductors PCA9516 Datasheet HTML 5Page - NXP Semiconductors PCA9516 Datasheet HTML 6Page - NXP Semiconductors PCA9516 Datasheet HTML 7Page - NXP Semiconductors PCA9516 Datasheet HTML 8Page - NXP Semiconductors PCA9516 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product data
PCA9516
5-channel I2C hub
2002 May 13
4
FUNCTIONAL DESCRIPTION
The PCA9516 BiCMOS integrated circuit is a five way hub repeater,
which enables I2C and similar bus systems to be expanded with
only one repeater delay and no functional degradation of system
performance.
The PCA9516 BiCMOS integrated circuit contains five bi-directional,
open drain buffers specifically designed to support the standard
low-level-contention arbitration of the I2C-bus. Except during
arbitration or clock stretching, the PCA9516 acts like five pairs of
non-inverting, open drain buffers, one for SDA and one for SCL.
Enable
The enable pins EN1 through EN4 are active high and have internal
pull-up resistors. Each enable pin ENn controls its associated SDAn
and SCLn ports. When low the ENn pin blocks the inputs from SDAn
and SCLn as well as disabling the output drivers on the SDAn and
SCLn pins. The enable pins should only change state when both the
global bus and the local port are in an idle state to prevent system
failures.
The active high enable pins allow the use of open drain drivers
which can be wire-ORed to create a distributed enable where either
centralized control signal (master) or spoke signal (submaster) can
enable the channel when it is idle.
I2C Systems
As with the standard I2C system, pull-up resistors are required to
provide the logic HIGH levels on the Buffered bus. (Standard
open-collector configuration of the I2C-bus). The size of these
pull-up resistors depends on the system, but each side of the
repeater must have a pull-up resistor. This part designed to work
with standard mode and fast mode I2C devices in addition to SMBus
devices. Standard mode I2C devices only specify 3 mA output drive,
this limits the termination current to 3 mA in a generic I2C system
where standard mode devices and multiple masters are possible.
Under certain conditions higher termination currents can be used.
Please see Application Note AN255
“I2C & SMBus Repeaters, Hubs
and Expanders” for additional information on sizing resistors and
precautions when using more than one PCA9515/PCA9516 in a
system or using the PCA9515/16 in conjunction with the P82B96.
APPLICATION INFORMATION
A typical application is shown in Figure 4. In this example, the
system master is running on a 3.3 V I2C-bus while the slave is
connected to a 5 V bus. All buses run at 100 kHz unless slave 3 and
4 are isolated and then the master bus and slave 1 and 2 can run at
400 kHz.
Any segment of the hub can talk to any other segment of the hub.
Bus masters and slaves can be located on all five segments with
400 pF load allowed on each segment.
The PCA9516 is 5 V tolerant so it does not require any additional
circuitry to translate between the different bus voltages.
When one side of the PCA9516 is pulled low by a device on the
I2C-bus, a CMOS hysteresis type input detects the falling edge and
causes an internal driver on the other side to turn on, thus causing
the other side to also go low. The side driven low by the PCA9516
will typically be at VOL = 0.5 V.
In order to illustrate what would be seen in a typical application,
refer to Figures 5 and 6. If the bus master in Figure 4 were to write
to the slave through the PCA9516, we would see the waveform
shown in Figure 5 on Bus 0. This looks like a normal I2C
transmission until the falling edge of the 8th clock pulse. At that
point, the master releases the data line (SDA) while the slave pulls it
low through the PCA9516. Because the VOL of the PCA9516 is
typically around 0.5 V, a step in the SDA will be seen. After the
master has transmitted the 9th clock pulse, the slave releases the
data line.
SW00923
BUS
MASTER
SLAVE 1
PCA9516
SDA
SDA0
SDA
SCL
SCL0
SCL
EN1
3.3 V
5 V
SDA1
SCL1
EN2
EN3
EN4
SLAVE 2
SDA
SCL
3.3 V
SDA2
SCL2
SLAVE 3
SDA
SCL
5 V
SDA3
SCL3
SLAVE 4
SDA
SCL
5 V
SDA4
SCL4
400 kHz
400 kHz
400 kHz
100 kHz
100 kHz
Figure 4. Typical application



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com