Electronic Components Datasheet Search
  English  ▼

X  

PCA9516 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9516
Description  5-channel I2C hub
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9516 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9516 Datasheet HTML 1Page - NXP Semiconductors PCA9516 Datasheet HTML 2Page - NXP Semiconductors PCA9516 Datasheet HTML 3Page - NXP Semiconductors PCA9516 Datasheet HTML 4Page - NXP Semiconductors PCA9516 Datasheet HTML 5Page - NXP Semiconductors PCA9516 Datasheet HTML 6Page - NXP Semiconductors PCA9516 Datasheet HTML 7Page - NXP Semiconductors PCA9516 Datasheet HTML 8Page - NXP Semiconductors PCA9516 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product data
PCA9516
5-channel I2C hub
2
2002 May 13
853–2234 28185
DESCRIPTION
The PCA9516 is a BiCMOS integrated circuit intended for
application in I2C and SMBus systems.
While retaining all the operating modes and features of the I2C
system, it permits extension of the I2C bus by buffering both the data
(SDA) and the clock (SCL) lines, thus enabling five buses of 400 pF.
The I2C bus capacitance limit of 400 pF restricts the number of
devices and bus length. Using the PCA9516 enables the system
designer to divide the bus into five segments off of a hub where any
segment to segment transition sees only one repeater delay.
It can also be used to run different buses at 5 V and 3.3 V or
400 kHz and 100 kHz buses where the 100 kHz bus is isolated
when 400 kHz operation of the other bus is required.
FEATURES
• 5 channel, bi-directional buffer
• I2C-bus and SMBus compatible
• Active high individual repeater enable input
• Open-drain input/outputs
• Lock-up free operation
• Supports arbitration and clock stretching across the repeater
• Accommodates standard mode and fast mode I2C devices and
multiple masters
• Powered-off high impedance I2C pins
• Operating supply voltage range of 3.0 V to 3.6 V
• 5 V tolerant I2C and enable pins
• 0 to 400 kHz clock frequency1
• ESD protection exceeds 2000 V HBM per JESD22-A114,
200 V MM per JESD22-A115, and 1000 V CDM per
JESD22-C101.
• Latch-up testing is done to JEDEC Standard JESD78 which
exceeds 100 mA.
• Package offerings: SO and TSSOP
PIN CONFIGURATION
1
2
3
4
SCL0
SDA1
SCL1
EN4
SDA4
SCL4
13
14
15
16
VCC
SDA0
SU01395
5
6
7
8
EN1
GND
SDA2
SDA3
SCL3
EN2
9
10
11
12
EN3
SCL2
Figure 1. Pin configuration
PIN DESCRIPTION
PIN
SYMBOL
FUNCTION
1
SCL0
Serial clock bus 0
2
SDA0
Serial data bus 0
3
SCL1
Serial clock bus 1
4
SDA1
Serial data bus 1
5
EN1
Active High Bus 1 enable Input
6
SCL2
Serial clock bus 2
7
SDA2
Serial data bus 2
8
GND
Supply ground
9
EN2
Active High Bus 2 enable Input
10
SCL3
Serial clock bus 3
11
SDA3
Serial data bus 3
12
EN3
Active High Bus 3 enable Input
13
SCL4
Serial clock bus 4
14
SDA4
Serial data bus 4
15
EN4
Active High Bus 4 enable Input
16
VCC
Supply power
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
16-pin plastic SO (narrow)
–40 to +85
°C
PCA9516D
SOT109-1
16-pin plastic TSSOP
–40 to +85
°C
PCA9516PW
SOT403-1
Standard packing quantities and other packaging data is available at www.philipslogic.com/packaging.
1.
The maximum system operating frequency may be less than 400 KHz because of the delays added by the repeater.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com