Electronic Components Datasheet Search
  English  ▼

X  

PCA9516 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9516
Description  5-channel I2C hub
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9516 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9516 Datasheet HTML 1Page - NXP Semiconductors PCA9516 Datasheet HTML 2Page - NXP Semiconductors PCA9516 Datasheet HTML 3Page - NXP Semiconductors PCA9516 Datasheet HTML 4Page - NXP Semiconductors PCA9516 Datasheet HTML 5Page - NXP Semiconductors PCA9516 Datasheet HTML 6Page - NXP Semiconductors PCA9516 Datasheet HTML 7Page - NXP Semiconductors PCA9516 Datasheet HTML 8Page - NXP Semiconductors PCA9516 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product data
PCA9516
5-channel I2C hub
2002 May 13
3
Hub
Logic
VCC
SCL4
SCL0
SU01396
Buffer
SCL1
Buffer
SCL2
Buffer
EN1
Buffer
SCL3
Buffer
Hub
Logic
SDA4
SDA0
Buffer
SDA1
Buffer
SDA2
Buffer
Buffer
SDA3
Buffer
PCA9516
EN2
EN4
EN3
GND
Figure 2. Block Diagram: PCA9516
A more detailed view of Figure 2 buffer is shown in Figure 3.
SW00712
Data
Enable
To output
In
z
Inc
Figure 3.
The output pull-down of each internal buffer is set for approximately
0.5 V, while the input threshold of each internal buffer is set about
0.07 V lower, when the output is internally driven low. This prevents
a lock-up condition from occurring.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com