Electronic Components Datasheet Search
  English  ▼

X  

SST25WF010 Datasheet(PDF) 25 Page - Microchip Technology

Part # SST25WF010
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF010 Datasheet(HTML) 25 Page - Microchip Technology

Back Button SST25WF010 Datasheet HTML 21Page - Microchip Technology SST25WF010 Datasheet HTML 22Page - Microchip Technology SST25WF010 Datasheet HTML 23Page - Microchip Technology SST25WF010 Datasheet HTML 24Page - Microchip Technology SST25WF010 Datasheet HTML 25Page - Microchip Technology SST25WF010 Datasheet HTML 26Page - Microchip Technology SST25WF010 Datasheet HTML 27Page - Microchip Technology SST25WF010 Datasheet HTML 28Page - Microchip Technology SST25WF010 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
25
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
Electrical Specifications
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute
Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions or conditions greater than those defined in the
operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating con-
ditions may affect device reliability.)
Temperature Under Bias .............................................. -55°C to +125°C
Storage Temperature ................................................. -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential ............................. -0.5V to VDD+0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential ................... -2.0V to VDD+2.0V
Package Power Dissipation Capability (TA = 25°C) ................................... 1.0W
Surface Mount Solder Reflow Temperature ............................ 260°C for 10 seconds
Output Short Circuit Current1................................................... 50mA
1. Output shorted for no more than one second. No more than one output shorted at a time.
Table 13: Operating Range
Range
Ambient Temp
VDD
Industrial
-40°C to +85°C
1.65-1.95V
Industrial (extended)1
1. Contact SST Sales for available extended industrial temperature devices.
-40°C to +105°C
1.70-1.90V
T13.1 20005016
Table 14: AC Conditions of Test
Input Rise/Fall Time
Output Load
5ns
CL =30pF
T14.1 20005016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com