Electronic Components Datasheet Search
  English  ▼

X  

SST25WF010 Datasheet(PDF) 31 Page - Microchip Technology

Part # SST25WF010
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF010 Datasheet(HTML) 31 Page - Microchip Technology

Back Button SST25WF010 Datasheet HTML 27Page - Microchip Technology SST25WF010 Datasheet HTML 28Page - Microchip Technology SST25WF010 Datasheet HTML 29Page - Microchip Technology SST25WF010 Datasheet HTML 30Page - Microchip Technology SST25WF010 Datasheet HTML 31Page - Microchip Technology SST25WF010 Datasheet HTML 32Page - Microchip Technology SST25WF010 Datasheet HTML 33Page - Microchip Technology SST25WF010 Datasheet HTML 34Page - Microchip Technology SST25WF010 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
31
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
Figure 28:Hold Timing Diagram
Figure 29:AC Input/Output Reference Waveforms
THZ
TLZ
THHH
THLS
THLH
THHS
1328 F26.0
HOLD#
CE#
SCK
SO
SI
1326 F28.0
REFERENCE POINTS
OUTPUT
INPUT
VHT
VLT
VHT
VLT
VIHT
VILT
AC test inputs are driven at VIHT (0.9VDD) for a logic ‘1’ and VILT (0.1VDD) for a logic ‘0’. Measurement
reference points for inputs and outputs are VHT (0.6VDD) and VLT (0.4VDD). Input rise and fall times
(10%
90%) are <5 ns.
Note: VHT -VHIGH Test
VLT -VLOW Test
VIHT -VINPUT HIGH Test
VILT -VINPUT LOW Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com