Electronic Components Datasheet Search
  English  ▼

X  

SMJ27C512 Datasheet(PDF) 4 Page - Micross Components

Part # SMJ27C512
Description  All inputs/outputs fully TTL compatible
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

SMJ27C512 Datasheet(HTML) 4 Page - Micross Components

  SMJ27C512 Datasheet HTML 1Page - Micross Components SMJ27C512 Datasheet HTML 2Page - Micross Components SMJ27C512 Datasheet HTML 3Page - Micross Components SMJ27C512 Datasheet HTML 4Page - Micross Components SMJ27C512 Datasheet HTML 5Page - Micross Components SMJ27C512 Datasheet HTML 6Page - Micross Components SMJ27C512 Datasheet HTML 7Page - Micross Components SMJ27C512 Datasheet HTML 8Page - Micross Components SMJ27C512 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
UVEPROM
SMJ27C512
SMJ27512
Rev. 1.2 01/10
Micross Components reserves the right to change products or specifications without notice.
4
FIGURE 1. SNAP! PULSE PROGRAMMING FLOW CHART
START
Address = First Location
Increment Address
X = 0
Last
Address?
VCC = 5V ± 0.5V, G\ /VPP = VIL
Compare
All Bytes
to Original
Data
Device Passed
Increment
Address
Address = First Location
VCC = 6.5V ± 0.25V, G\ /VPP = 13V ± 0.25V
Program One Pulse = tW = 100μs
Last
Address?
X = X+1
X = 10?
Program One Pulse = tW = 100μs
No
Fail
No
Yes
Verify
Word
No
Pass
Device Failed
Yes
Yes
Pass
Fail
Program
Mode
Interactive
Mode
Final
Verification



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com