Electronic Components Datasheet Search
  English  ▼

X  

SMJ27C512 Datasheet(PDF) 1 Page - Micross Components

Part # SMJ27C512
Description  All inputs/outputs fully TTL compatible
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

SMJ27C512 Datasheet(HTML) 1 Page - Micross Components

  SMJ27C512 Datasheet HTML 1Page - Micross Components SMJ27C512 Datasheet HTML 2Page - Micross Components SMJ27C512 Datasheet HTML 3Page - Micross Components SMJ27C512 Datasheet HTML 4Page - Micross Components SMJ27C512 Datasheet HTML 5Page - Micross Components SMJ27C512 Datasheet HTML 6Page - Micross Components SMJ27C512 Datasheet HTML 7Page - Micross Components SMJ27C512 Datasheet HTML 8Page - Micross Components SMJ27C512 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UVEPROM
SMJ27C512
SMJ27512
Rev. 1.2 01/10
Micross Components reserves the right to change products or specifications without notice.
1
FEATURES
• Organized 65,536 x 8
• High-reliability MIL-PRF-38535 processing
• Single +5V ±10% power supply
• Pin-compatible with existing 512K read-only memories (ROMs)
and electrically programmable ROMs (EPROMs)
• All inputs/outputs fully TTL compatible
• Power-saving CMOS technology
• Very high-speed SNAP! Pulse Programming
• 3-state output buffers
• 400mV minimum DC noise immunity with standard TTL loads
• Latchup immunity of 250mA on all input and output lines
• Low power dissipation (CMOS input levels)
Active - 193mW (MAX)
Standby - 1.7mW (MAX)
OPTIONS
MARKING
• Timing
150ns access
-15
200ns access
-20
250ns access
-25
• Package(s)
Ceramic DIP (600mils)
J
No. 110
• Operating Temperature Ranges
Military (-55oC to +125oC)
M
PIN ASSIGNMENT
(Top View)
AVAILABLE AS MILITARY
SPECIFICATIONS
• SMD 5962-87648
• MIL-STD-883
512K UVEPROM
UV Erasable Programmable
Read-Only Memory
For more products and information
please visit our web site at
www.micross.com
GENERAL DESCRIPTION
The SMJ27C512 is a set of 65536 by 8-bit (524,288-bit),
ultraviolet (UV) light erasable, electrically programmable
read-only memories. These devices are fabricated using power-
saving CMOS technology for high speed and simple interface
with MOS and bipolar circuits. All inputs (including program
data inputs can be driven by Series 54 TTL circuits without
the use of external pullup resistors. Each output can drive one
Series 54 TTL circuit without external resistors. The data out-
puts are 3-state for connecting multiple devices to a common
bus. The SMJ27C512 is pin-compatible with existing 28-pin
512K ROMs and EPROMs.
Because this EPROM operates from a single 5V supply
(in the read mode), it is ideal for use in microprocessor-based
systems. One other supply (13V) is needed for programming.
All programming signals are TTL level. This device is pro-
grammable by the SNAP! Pulse programming algorithm. The
SNAP! Pulse programming algorithm uses a V
PP of 13V and
a V
CC of 6.5V for a nominal programming time of seven sec-
onds. For programming outside the system, existing EPROM
programmers can be used. Locations may be programmed
singly, in blocks, or at random.
28-Pin DIP (J) 600-Mils
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
Vcc
A14
A13
A8
A9
A11
G\/V
PP
A10
E\
DQ7
DQ6
DQ5
DQ4
DQ3
Pin Name
Function
A0 - A15 Address Inputs
DA0-DQ7 Inputs (programming)/Outputs
E\
Chip Enable/Power Down
GND
Ground
G\ /VPP Output Enable/13V Programming
VCC
5V Power Supply


Similar Part No. - SMJ27C512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ27C512 TI-SMJ27C512 Datasheet
184Kb / 13P
TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
UV Erasable Programmable Read-Only Memory
SMJ27C512-15JM AUSTIN-SMJ27C512-15JM Datasheet
127Kb / 11P
UV Erasable Programmable Read-Only Memory
SMJ27C512-20JM AUSTIN-SMJ27C512-20JM Datasheet
127Kb / 11P
UV Erasable Programmable Read-Only Memory
SMJ27C512-25JM AUSTIN-SMJ27C512-25JM Datasheet
127Kb / 11P
UV Erasable Programmable Read-Only Memory
More results

Similar Description - SMJ27C512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F_14 Datasheet
373Kb / 16P
TTL-Compatible Inputs and Outputs
logo
Integrated Silicon Solu...
IS61WV10248EDBLL ISSI-IS61WV10248EDBLL Datasheet
814Kb / 18P
TTL compatible inputs and outputs
logo
Micross Components
AS5C4008 MICROSS-AS5C4008 Datasheet
141Kb / 17P
All inputs and outputs are TTL-compatible
AS8ERLC128K32 MICROSS-AS8ERLC128K32 Datasheet
459Kb / 19P
TTL Compatible Inputs and Outputs
AS8SLC512K32 MICROSS-AS8SLC512K32 Datasheet
192Kb / 12P
All inputs and outputs are TTL-compatible
MT5C1009 MICROSS-MT5C1009 Datasheet
199Kb / 17P
All inputs and outputs are TTL compatible
MT5C2568 MICROSS-MT5C2568 Datasheet
217Kb / 17P
All inputs and outputs are TTL compatible
logo
fujitsu semiconductor
MB7137E FUJITSU-MB7137E Datasheet
718Kb / 16P
TTL compatible inputs and outputs
logo
Alliance Semiconductor ...
AS6C4008-70SAN ALSC-AS6C4008-70SAN Datasheet
643Kb / 10P
All outputs TTL compatible
AS6C8016-55TIN ALSC-AS6C8016-55TIN Datasheet
1Mb / 11P
All inputs and outputs TTL compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com