Electronic Components Datasheet Search
  English  ▼

X  

SMJ27C512 Datasheet(PDF) 3 Page - Micross Components

Part # SMJ27C512
Description  All inputs/outputs fully TTL compatible
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

SMJ27C512 Datasheet(HTML) 3 Page - Micross Components

  SMJ27C512 Datasheet HTML 1Page - Micross Components SMJ27C512 Datasheet HTML 2Page - Micross Components SMJ27C512 Datasheet HTML 3Page - Micross Components SMJ27C512 Datasheet HTML 4Page - Micross Components SMJ27C512 Datasheet HTML 5Page - Micross Components SMJ27C512 Datasheet HTML 6Page - Micross Components SMJ27C512 Datasheet HTML 7Page - Micross Components SMJ27C512 Datasheet HTML 8Page - Micross Components SMJ27C512 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
UVEPROM
SMJ27C512
SMJ27512
Rev. 1.2 01/10
Micross Components reserves the right to change products or specifications without notice.
3
READ/OUTPUT DISABLE
When the outputs of two or more SMJ27C512 are connected
in parallel on the same bus, the output of any particular device
in the circuit can be read with no interference from competing
outputs of the other devices. To read the output of the selected
SMJ27C512, a low-level signal is applied to the E\ and G\ /
V
PP. All other devices in the circuit should have their outputs
disabled by applying a high-level signal to one of these pins.
Output data is accessed at pins DQ0 through DQ7.
LATCHUP IMMUNITY
Latchup immunity on the SMJ27C512 is a minimum of 250mA
on all inputs and outputs. This feature provides latchup im-
munity beyond any potential transients at the printed circuit
board level when the EPROM is interfaced to industry-standard
TTL or MOS logic devices. Input/output layout approach
controls latchup without compromising performance or pack-
ing density.
POWER DOWN
Active I
CC supply current can be reduced from 35mA to
500μA(TTL-level inputs) or 300μA (CMOS-level inputs) by
applying a high TTL/CMOS signal to the E\ pin. In this mode
all outputs are in the high-impedance state.
ERASURE
Before programming, the SMJ27512 is erased by exposing the
chip through the transparent lid to a high-intensity ultraviolet
(UV) light (wavelength 2537 Å). EPROM erasure before
programming is necessary to assure that all bits are in the
logic-high state. Logic lows are programmed into the desired
locations. A programmed logic low can be erased only by ul-
traviolet light. The recommended minimum exposure dose (UV
intensity x exposure time) is 15 W.s/cm2. A typical 12mW/cm2,
filterless UV lamp erases the device in 21 minutes. The lamp
should be located about 2.5cm above the chip during erasure.
After erasure, all bits are in the high state. It should be noted
that normal ambient light contains the correct wavelength for
erasure; therefore, when using the SMJ27C512, the window
should be covered with an opaque label.
SNAP! PULSE PROGRAMMING
The SMJ27C512 is programmed using the SNAP! Pulse
programming algorithm as illustrated by the flowchart in
Figure 1. This algorithm programs in a nominal time of seven
seconds. Actual programming time varies as a function of the
programmer used.
Data is presented in parallel (eight bits) on pins DQ0 to DQ7.
Once addresses and data are stable, E\ is pulsed. The SNAP!
Pulse programming algorithm uses an initial pulse of 100μs
followed by a byte verification to determine when the addressed
byte has been successfully programmed. Up to ten 100μs pulses
per byte are provided before a failure is recognized.
The programming mode is achieved when G\ /V
PP = 13V,
V
CC= 6.5V, and E\ = VIL. More than one device can be pro-
grammed when the devices are connected in parallel. Locations
can be programmed in any order. When the SNAP! Pulse pro-
gramming routine is complete, all bits are verified with V
CC =
5V, G\ /V
PP = VIL, and E\ = VIL.
PROGRAM INHIBIT
Programming can be inhibited by maintaining high level
input on E\.
PROGRAM VERIFY
Programmed bits can be verified with G\ /V
PP and E\ = VIL.
SIGNATURE MODE
The signature mode provides access to a binary code
identifying the manufacturer and device type. This mode is
activated when A9 (terminal 24) is forced to 12V ±0.5V. Two
identifier bytes are accessed by A0 (terminal 10); i.e., A0 =
V
IL accesses the manufacturer code, which is output on DQ0-
DQ7; A0 = V
IH accesses the device code, which is also output
on DQ0-DQ7. All other addresses must be held at V
IL. Each
byte possesses odd parity on bit DQ7. The manufacturer code
for these devices is 97h and the device code is 85h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com