Electronic Components Datasheet Search
  English  ▼

X  

SMJ27C512 Datasheet(PDF) 7 Page - Micross Components

Part # SMJ27C512
Description  All inputs/outputs fully TTL compatible
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

SMJ27C512 Datasheet(HTML) 7 Page - Micross Components

Back Button SMJ27C512 Datasheet HTML 3Page - Micross Components SMJ27C512 Datasheet HTML 4Page - Micross Components SMJ27C512 Datasheet HTML 5Page - Micross Components SMJ27C512 Datasheet HTML 6Page - Micross Components SMJ27C512 Datasheet HTML 7Page - Micross Components SMJ27C512 Datasheet HTML 8Page - Micross Components SMJ27C512 Datasheet HTML 9Page - Micross Components SMJ27C512 Datasheet HTML 10Page - Micross Components SMJ27C512 Datasheet HTML 11Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
UVEPROM
SMJ27C512
SMJ27512
Rev. 1.2 01/10
Micross Components reserves the right to change products or specifications without notice.
7
PARAMETER MEASUREMENT INFORMATION
NOTES:
1. C
L includes probe and fixture capacitance.
2.08V
Output Under Test
R
L = 800Ω
CL = 100 pF1
FIGURE 3. READ-CYCLE TIMING
AC testing inputs are driven at 2.4V for logic high and 0.4V for logic low. Timing measurements are
made at 2V for logic high and 0.8V for logic low for both inputs and outputs.
FIGURE 2. LOAD CIRCUIT AND VOLTAGE WAVEFORM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com