| Electronic Components Datasheet Search |
|
48178 Datasheet(PDF) 3 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
48178 Datasheet(HTML) 3 Page - Tyco Electronics |
|
3 / 7 page ![]() 408-1311 Pneumatic Crimping Heads for Use withPneumatic Tool 69015 3 of 7 Rev G Tyco Electronics Corporation Figure 3 Hold Terminal Tongue Against Flat" of Lower Crimping Jaw Crimping Terminal Crimping Flag Terminal Wire Barrel Centered in Crimping Jaws Wire Barrel Centered in Crimping Jaws 6. Inspect crimped terminals or splices according to Figure 5. Use only the terminals or splices that meet the conditions shown in the “ACCEPT” column. “REJECT” terminals can be avoided by carefully following the above procedures and by performing regular tool maintenance, as provided in Section 4, MAINTENANCE AND INSPECTION. 4. MAINTENANCE AND INSPECTION Tyco Electronics recommends that a maintenance and inspection program be performed periodically to ensure dependable and uniform terminations. Frequency of inspection depends on: 1. The care, amount of use, and handling of the dies. 2. The presence of abnormal amounts of dust and dirt. 3. The degree of operator skill. 4. Your own established standards. The crimping head is inspected before being shipped; however, Tyco Electronics recommends that it be inspected immediately upon arrival at your facility to ensure that no damage occurred during shipment. Due to the precision design, it is important that no parts of these heads be interchanged except replacement parts. Refer to Section 5, REPLACEMENT AND REPAIR. Figure 4 Crimping Butt Splice Splice Inspection Window Facing Top of Head Wire Barrel Centered in Crimping Jaws Wire Barrel Centered in Crimping Jaws Wire Barrel Centered in Crimping Jaws Crimping Parallel Splice Crimping Parallel Splice (Stub-Type Head) 4.1. Daily Maintenance 1. Remove dust, moisture, and other contaminants with a clean brush, or a soft, lint–free cloth. Do NOT use objects that could damage the jaws of the crimping head. 2. All surfaces should be protected with a thin coat of any good SAE 20 motor oil. Do NOT oil excessively. 3. When the head is not in use, store it in a clean, dry area. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |