| Electronic Components Datasheet Search |
|
48178 Datasheet(PDF) 5 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
48178 Datasheet(HTML) 5 Page - Tyco Electronics |
|
5 / 7 page ![]() 408-1311 Pneumatic Crimping Heads for Use with Pneumatic Tool 69015 5 of7 Rev G Tyco Electronics Corporation 4.2. Lubrication Lubricate all pins, pivot points, and bearing surfaces with a high quality grease. Tyco Electronics recommends the use of Molykote paste, which is a commercially available lubricant. Lubricate according to the following schedule: Heads used in daily production—lubricate daily Heads used daily (occasional)—lubricate weekly Heads used weekly—lubricate monthly Wipe excess grease from crimping head, particularly from jaw closure areas. Grease transferred from the jaw closure area onto certain terminations may affect the electrical characteristics of a termination. 4.3. Periodic Inspection 1. Remove accumulated dirt, grease, and foreign matter by immersing the head in a suitable commercial degreaser that will not affect paint or plastic material. 2. Inspect crimping area for worn, cracked, or broken surfaces. If damage is evident, return the head to Tyco Electronics for evaluation and repair. See Section 5, REPLACEMENT AND REPAIR. 4.4. Gaging the Crimping Chamber This inspection requires the use of a plug gage conforming to the dimensions shown in Figure 6. Tyco Electronics does not manufacture or market gages. Proceed as follows: 1. Remove crimping head from tool as described in Instruction Sheet 408–1310. 2. Remove traces of oil or dirt from the crimping jaws and plug gage. 3. Close the jaws until they are bottomed but not under pressure. 4. Align the GO element with the crimping chamber. Push element straight into the crimping chamber without using force. The GO element must pass completely through the crimping chamber. See Figure 7. 5. Align the NO–GO element with the crimping chamber. Push element straight into the crimping chamber. The NO–GO element may start entry, but must NOT pass completely through the crimping chamber. See Figure 7. If crimping chamber conforms to the gage inspection, the head is considered dimensionally correct. If correct, the head should be lubricated with a thin coat of any good SAE 20 motor oil and returned to service. If not correct, the head must be returned to Tyco Electronics for further evaluation and repair. Refer to Section 5, REPLACEMENT AND REPAIR. For additional information on the use of a plug gage, refer to Instruction Sheet 408–7424. R 12.7 [.500] Min Typ Jaw Closure Configuration 25.4 [1.0] Min Typ Suggested Plug Gage Design GO Dia NO-GO Dia CRIMPING GAGE ELEMENT DIAMETERS CRIMPING HEAD GO NO-GO DIM. R RADIUS 48172 3.937-3.945 [.1550-.1553] 4.087-4.089 [.1609-.1610] 4.67 [.184] 48173 4.724-4.732 [.18-60.1863] 4.874-4.877 [.1919-.1920] 5.87 [.231] 48174 5.436-5.443 [.2140-.2143] 5.585-5.588 [.2199-.2200] 6.55 [.258] 48183 6.198-6.205 [.2440-.2443] 6.347-6.350 [.2499-.2500] 7.52 [.296] 48412 2.540-2.548 [.1000-.1003] 2.690-2.692 [.1059-.1060] 3.18 [.125] 48413 3.531-3.538 [.1390-.1393] 3.680-3.683 [.1449-.1450] 4.09 [.161] 48414 4.166-4.173 [.1640-.1643] 4.315-4.318 [.1699-.1700] 4.93 [.194] 48415 4.978-4.986 [.1960-.1963] 5.128-5.131 [.2019-.2020] 6.10 [.240] 48416 6.198-6.205 [.2440-.2443] 6.347-6.350 [.2499-.2500] 7.52 [.296] 49956 2.540-2.548 [.1000-.1003] 2.690-2.692 [.1059-.1060] 3.18 [.125] Figure 6 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |