Electronic Components Datasheet Search
  English  ▼

X  

68049 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 68049
Description  Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

68049 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 68049 Datasheet HTML 4Page - Tyco Electronics 68049 Datasheet HTML 5Page - Tyco Electronics 68049 Datasheet HTML 6Page - Tyco Electronics 68049 Datasheet HTML 7Page - Tyco Electronics 68049 Datasheet HTML 8Page - Tyco Electronics 68049 Datasheet HTML 9Page - Tyco Electronics 68049 Datasheet HTML 10Page - Tyco Electronics 68049 Datasheet HTML 11Page - Tyco Electronics 68049 Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
408- 2353
Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
Rev B
8
of 12
Tyco Electronics Corporation
Figure 5B
(Crimp Inspection Criteria for HF--30 Pin and Socket Contacts)
ACCEPT
1
Crimps centered. Crimp may be slightly off center BUT
NOT OFF END OF WIRE BARREL.
3
Insulation does not enter wire barrel. No nicked,
missing, or broken wire strands.
7
6
Crimp die embossment, and wire size agree
with table in Figure 2. The verification of the
correct terminal dash number used with proper
crimp die and wire size must be done prior to
crimping of contacts. See Paragraph 3.5.1.
Crimp die embossment, and wire size agree
with table in Figure 2. The verification of the
correct terminal dash number used with proper
crimp die and wire size must be done prior to
crimping of contacts. See Paragraph 3.5.1.
1
3
6
7
3
33
1
Top View
Bottom View
Top View
Bottom View
Cutout for Housing Latch
Cutout for Housing Latch
Housing Stop
Cutout for Housing Latch
Cutout for Housing Latch
HF-30 Pin and Socket Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com