Electronic Components Datasheet Search
  English  ▼

X  

68049 Datasheet(PDF) 12 Page - Tyco Electronics

Part # 68049
Description  Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

68049 Datasheet(HTML) 12 Page - Tyco Electronics

Back Button 68049 Datasheet HTML 4Page - Tyco Electronics 68049 Datasheet HTML 5Page - Tyco Electronics 68049 Datasheet HTML 6Page - Tyco Electronics 68049 Datasheet HTML 7Page - Tyco Electronics 68049 Datasheet HTML 8Page - Tyco Electronics 68049 Datasheet HTML 9Page - Tyco Electronics 68049 Datasheet HTML 10Page - Tyco Electronics 68049 Datasheet HTML 11Page - Tyco Electronics 68049 Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
408- 2353
Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
Rev B
12
of 12
Tyco Electronics Corporation
2
1
ASSEMBLY
ITEM 1
MOVING DIE (INDENTER)
ITEM 2
STATIONARY DIE (NEST)
68034
1--307586--3
1--307585--3
68035
1--307586--4
1--307585--4
68036
1--307586--5
1--307585--5
68037
1--307586--6
1--307585--6
68037--1
1--307586--7
1--307585--7
68043
307586--1
307585--1
68044
307586--2
307585--2
68045
307586--3
307585--3
68046
307586--4
307585--4
68047
307586--5
307585--5
68048
307586--6
307585--6
68049
307586--7
307585--7
68050
307586--8
307585--8
Figure 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com