Electronic Components Datasheet Search
  English  ▼

X  

68049 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 68049
Description  Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

68049 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 68049 Datasheet HTML 4Page - Tyco Electronics 68049 Datasheet HTML 5Page - Tyco Electronics 68049 Datasheet HTML 6Page - Tyco Electronics 68049 Datasheet HTML 7Page - Tyco Electronics 68049 Datasheet HTML 8Page - Tyco Electronics 68049 Datasheet HTML 9Page - Tyco Electronics 68049 Datasheet HTML 10Page - Tyco Electronics 68049 Datasheet HTML 11Page - Tyco Electronics 68049 Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
408- 2353
Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
11
of 12
Rev B
Tyco Electronics Corporation
Figure 8
Inspection of Bar Crimp Closure
Inspection of Rectangular Crimp Closure
Detail A
Detail B
Right Die
Closure
Left Die
Closure
Radius of
Bar Crimp
Gage Dimension:
42.27 [1.664] for 8--3/0 Sizes
74.3 [2.925] for 4/0--500 MCM Sizes
“GO” Gage Must Pass Completely
Through the Die Closure
“NO--GO” Gage May Enter Partially, but Must
Not Pass Completely Through the Die Closure
“GO” Gage Must Enter
to Radius of Bar Crimp
“NO--GO” Gage May Enter Partially, but
Must Not Enter to Radius of Bar Crimp
6. REPAIR/REPLACEMENT
Replaceable parts are listed in Figure 9. Parts other
than those listed in Figure 9 should be replaced by
Tyco Electronics to ensure quality and reliability of the
tool. Order replacement parts through your Tyco
Electronics Representative, or call 1--800--526--5142,
or send a facsimile of your purchase order to
1--717--986--7605, or write to:
CUSTOMER SERVICE (38--35)
TYCO ELECTRONICS CORPORATION
P.O. BOX 3608
HARRISBURG, PA 17105--3608
For tool repair service, please contact an Tyco
Electronics Representative at 1--800--526--5136.
7. REVISION SUMMARY
S
Updated document to corporate requirements
S
Added new part number 68037--1 to tables in
Figures 1, 2, 7, and 9
S
Added, deleted, or changed text in Section 2,
Paragraphs 3.1.1, 3.1.2 CAUTION, 3.2
DANGER, 3.2.1, 3.2.2, and SubHeadings 3.2,
3.3, and 3.4
S
Deleted old and added new artwork to Figure 2
S
Added new Paragraph 3.5.1 and renumbered
S
Added new Figure 4 and renumbered
S
Added new callouts to Figures 1, 2B, 3, and
deleted callout and added text to Figure 5B
S
Combined Figures 6 and 7 and renumbered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com