Electronic Components Datasheet Search
  English  ▼

X  

HMC247 Datasheet(PDF) 4 Page - Micross Components

Part # HMC247
Description  E-Band Communications Systems
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC247 Datasheet(HTML) 4 Page - Micross Components

  HMC247 Datasheet HTML 1Page - Micross Components HMC247 Datasheet HTML 2Page - Micross Components HMC247 Datasheet HTML 3Page - Micross Components HMC247 Datasheet HTML 4Page - Micross Components HMC247 Datasheet HTML 5Page - Micross Components HMC247 Datasheet HTML 6Page - Micross Components HMC247 Datasheet HTML 7Page - Micross Components HMC247 Datasheet HTML 8Page - Micross Components HMC247 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC1057
v01.0413
GaAs MMIC SUB HARMONIC
I/Q MIXER, 71 - 86 GHz
General Description
Features
Functional Diagram
Passive: No DC Bias Required
High Input IP3: 13 dBm [2]
High LO/RF Isolation: 30 dB
High 2LO/RF Isolation: 50 dB
Wide IF Bandwidth: DC - 12 GHz
Upconversion & Downconversion Applications
Die Size: 1.74 x 1.73 x 0.1 mm
Electrical Specifications, T
A = +25° C, IF = 4 GHz, LO = +13 dBm, USB
[1]
Typical Applications
The HMC1057 is ideal for:
• Short Haul / High Capacity Radios
• Test Equipment & Sensors
• Military End-Use
• E-Band Communications Systems
• Automotive Radar
The HMC1057 is a sub-harmonically pumped MMIC
Mixer which can be used as either an Image reject
mixer (IRM) or a single sideband upconverter. This
passsive MMIC mixer is fabricated with GaAs Shottky
diode technology. For downconversion applications,
an external quadrature hybrid can be used to select
the desired sideband while rejecting image signals. All
bond pads and the die backside are Ti/Au metallized
and the Shottky devices are fully passivated for
reliable operation. All data shown herein is measured
with the chip in a 50 Ohm environment and contacted
with RF probes.
Parameter
Min.
Typ.
Max.
Units
RF Frequency Range
71 - 86
GHz
IF Frequency Range
DC - 12
GHz
LO Frequency Range
29 - 43
GHz
Conversion Loss
12
15
dB
2LO to RF Isolation
50
dB
LO to RF Isolation
30
dB
LO to IF Isolation
35
dB
RF to IF Isolation
25
dB
IP3 (Input) [2]
+13
dBm
[1] Unless otherwise noted , all measurements performed as an Downconverter with LO = +13 dBm
[2] Upconverter performance .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com