Electronic Components Datasheet Search
  English  ▼

X  

HMC247 Datasheet(PDF) 8 Page - Micross Components

Part # HMC247
Description  E-Band Communications Systems
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC247 Datasheet(HTML) 8 Page - Micross Components

Back Button HMC247 Datasheet HTML 4Page - Micross Components HMC247 Datasheet HTML 5Page - Micross Components HMC247 Datasheet HTML 6Page - Micross Components HMC247 Datasheet HTML 7Page - Micross Components HMC247 Datasheet HTML 8Page - Micross Components HMC247 Datasheet HTML 9Page - Micross Components HMC247 Datasheet HTML 10Page - Micross Components HMC247 Datasheet HTML 11Page - Micross Components HMC247 Datasheet HTML 12Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
HMC1057
v01.0413
GaAs MMIC SUB HARMONIC
I/Q MIXER, 71 - 86 GHz
Data Taken As IRM with External IF 90° Hybrid, IF = 500 MHz
Conversion Gain, USB vs. Temperature
Conversion Gain, USB vs. LO Drive
Image Rejection, USB vs. Temperature
Image Rejection, USB vs. LO Drive
Conversion Gain, LSB vs. LO Drive
Image Rejection, LSB vs. LO Drive
-25
-20
-15
-10
-5
0
60
65
70
75
80
85
90
+25 C
+85 C
-55 C
RF FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
60
65
70
75
80
85
90
+11 dBm
+13 dBm
RF FREQUENCY (GHz)
0
10
20
30
40
50
60
65
70
75
80
85
90
+11 dBm
+13 dBm
RF FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
60
65
70
75
80
85
90
+11 dBm
+13 dBm
RF FREQUENCY (GHz)
0
10
20
30
60
65
70
75
80
85
90
+11 dBm
+13 dBm
RF FREQUENCY (GHz)
0
10
20
30
40
50
60
65
70
75
80
85
90
+25 C
+85 C
-55 C
RF FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com