Electronic Components Datasheet Search
  English  ▼

X  

HMC247 Datasheet(PDF) 1 Page - Micross Components

Part # HMC247
Description  E-Band Communications Systems
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC247 Datasheet(HTML) 1 Page - Micross Components

  HMC247 Datasheet HTML 1Page - Micross Components HMC247 Datasheet HTML 2Page - Micross Components HMC247 Datasheet HTML 3Page - Micross Components HMC247 Datasheet HTML 4Page - Micross Components HMC247 Datasheet HTML 5Page - Micross Components HMC247 Datasheet HTML 6Page - Micross Components HMC247 Datasheet HTML 7Page - Micross Components HMC247 Datasheet HTML 8Page - Micross Components HMC247 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Design Assistance
Assembly Assistance
Die handling consultancy
Hi-Rel die qualification
Hot & Cold die probing
Electrical test & trimming
Customised Pack Sizes / Qtys
Support for all industry recognised
100% Visual Inspection
Contact
baredie@micross.com
For price, delivery and to place orders
HMC1057
supply formats:
o
Waffle Pack
o
Gel Pak
o
Tape & Reel
Onsite storage, stockholding &
scheduling
On-site failure analysis
Bespoke 24 Hour monitored
storage systems for secure long
term product support
o
MIL-STD 883 Condition A
o
MIL-STD 883 Condition A
On-site failure analysis
www.analog.com
www.micross.com


Similar Part No. - HMC247

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC247 HITTITE-HMC247 Datasheet
320Kb / 6P
400째 ANALOG PHASE SHIFTER 5 - 18 GHz
HMC247 HITTITE-HMC247 Datasheet
250Kb / 6P
400째 ANALOG PHASE SHIFTER 5 - 18 GHz
logo
Analog Devices
HMC247 AD-HMC247 Datasheet
330Kb / 6P
400째 ANALOG PHASE SHIFTER 5 - 18 GHz
logo
Hittite Microwave Corpo...
HMC247 HITTITE-HMC247_08 Datasheet
250Kb / 6P
400째 ANALOG PHASE SHIFTER 5 - 18 GHz
More results

Similar Description - HMC247

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1786N SONY-CXA1786N Datasheet
183Kb / 12P
1.1GHz-band PLL IC for Mobile Communications
logo
Analog Devices
HMC1081 AD-HMC1081 Datasheet
460Kb / 8P
E-Band Communications Systems
HMC-ALH509 AD-HMC-ALH509 Datasheet
295Kb / 6P
E-Band Communication Systems
HMC-MDB277 AD-HMC-MDB277 Datasheet
209Kb / 4P
FCC E-Band Communication Systems
logo
ETAL Group
2215-G1 ETAL-2215-G1 Datasheet
207Kb / 4P
Control equipment, communications systems, instrumentation
3500-P10 ETAL-3500-P10 Datasheet
154Kb / 2P
Control systems, instrumentation, medical equipment, machine tools, robotics, communications systems
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
Process control systems, instrumentation, communications systems,
8340-F ETAL-8340-F Datasheet
463Kb / 6P
Control equipment, communications systems, transportation, power supplies
logo
Analog Devices
HMC1057 AD-HMC1057 Datasheet
1Mb / 12P
E-Band Communications Systems
HMC7447 AD-HMC7447 Datasheet
383Kb / 8P
E-BAND DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com