Electronic Components Datasheet Search
  English  ▼

X  

HMC247 Datasheet(PDF) 7 Page - Micross Components

Part # HMC247
Description  E-Band Communications Systems
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC247 Datasheet(HTML) 7 Page - Micross Components

Back Button HMC247 Datasheet HTML 3Page - Micross Components HMC247 Datasheet HTML 4Page - Micross Components HMC247 Datasheet HTML 5Page - Micross Components HMC247 Datasheet HTML 6Page - Micross Components HMC247 Datasheet HTML 7Page - Micross Components HMC247 Datasheet HTML 8Page - Micross Components HMC247 Datasheet HTML 9Page - Micross Components HMC247 Datasheet HTML 10Page - Micross Components HMC247 Datasheet HTML 11Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
HMC1057
v01.0413
GaAs MMIC SUB HARMONIC
I/Q MIXER, 71 - 86 GHz
Data Taken As IRM with External IF 90° Hybrid, IF = 4000 MHz
Upconverter Performance Input IP3, USB
Conversion Gain, LSB vs. LO Drive
Image Rejection, LSB vs. LO Drive
-10
-5
0
5
10
15
20
60
65
70
75
80
85
90
+25 C
RF FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
60
65
70
75
80
85
90
+11 dBm
+13 dBm
RF FREQUENCY (GHz)
0
10
20
30
40
50
60
65
70
75
80
85
90
+11 dBm
+13 dBm
RF FREQUENCY (GHz)
Upconverter Performance
Conversion Gain, LSB
-25
-20
-15
-10
-5
0
60
65
70
75
80
85
90
+25 C
RF FREQUENCY (GHz)
Upconverter Performance
Sideband Rejection , LSB
0
10
20
30
40
50
60
62
64
66
68
70
72
74
76
78
80
82
+25 C
RF FREQUENCY (GHz)
Upconverter Performance Input IP3, LSB
0
5
10
15
20
25
60
65
70
75
80
85
90
-3 dBm
RF FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com