Electronic Components Datasheet Search
  English  ▼

X  

V6301 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # V6301
Description  Ultra Low Power 3-Pin Voltage Surveillance with Time-out
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V6301 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  V6301 Datasheet HTML 1Page - List of Unclassifed Manufacturers V6301 Datasheet HTML 2Page - List of Unclassifed Manufacturers V6301 Datasheet HTML 3Page - List of Unclassifed Manufacturers V6301 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Pin Description
TO-92
Table 5
Pin
1
2
3
V
DD
RES or RES
V
SS
Positive Supply
Reset output
Supply ground
Name
Function
SOT-23 5L
Table 6
Pin
1
2
3
4
5
NC
V
SS
NC
RES or RES
V
DD
No connection
Supply ground
No connection
Reset output
Positive supply
Name
Function
Timing Waveforms
V
DD
V
TH
t
SEN
1 V
Logic “1”
t
POR
t
R
t
POR
Fig.3
RES
RES
t
t
t
Logic “1”
Logic “0”
Logic “0”
Block Diagram
Fig.4
RES or RES
V
DD
V
ss
Voltage
Reference
-
+
Reset
Logic
Oscillator
Timer
V6301
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com