Electronic Components Datasheet Search
  English  ▼

X  

V6301 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # V6301
Description  Ultra Low Power 3-Pin Voltage Surveillance with Time-out
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V6301 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  V6301 Datasheet HTML 1Page - List of Unclassifed Manufacturers V6301 Datasheet HTML 2Page - List of Unclassifed Manufacturers V6301 Datasheet HTML 3Page - List of Unclassifed Manufacturers V6301 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Handling Procedures
Stresses above these listed maximum ratings may cause
permanent damage to the device. Exposure beyond specified
operating conditions may affect device reliability or cause
malfunction.
1)The maximum operating temperature is confirmed by
sampling at initial device qualification.
2
Absolute Maximum Ratings
Table 1
Parameter
Voltage at V
to V
DD
SS
Min. voltage at RES or RES
Max. voltage at RES or RES
Storage temperature range
V
DD
V
min
V
max
T
STO
-0.3V to+10 V
V
- 0.3 V
SS
-65 to +150
O
OC
V
+ 0.3 V
DD
Symbol
Conditions
This device has built-in protection against high static voltages
or electric fields; however, anti-static precautions must be taken
as for any other CMOS component. Unless otherwise specified,
proper operation can only occur when all terminal voltages are
kept within the supply voltage range.
Operating Conditions
T
A
-40
1
+125
OC
V
8
V
DD
Table 2
Parameter
Symbol Min.
Typ . Max. Units
1)
Operating temperature
Positive supply voltage
Electrical Characteristics
O
T = -40 to +85 C, unless otherwise specified
A
1) RES or RES open
2) Only for Open drain versions
I
DD
V
TH
V
TH
V
HYS
V
OL
V
OL
V
OL
V
OH
V
OH
I
LEAK
V
= 2 V
DD
V
= 5 V, I
= 8 mA
OL
DD
V
= 8 V
DD
1)
Supply current
Threshold voltage
Threshold hysteresis
RES Output Low Level
RES Output High Level
2)
Output leakage current
mA
mA
mA
V
V
V
V
V
V
mV
mV
mV
mV
V
V
mV
mA
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
I
DD
V
= 5 V
DD
V
= 8 V
DD
Version: A,G,M
Version: B,H,N
Version: C,I,O
Version: D,J,P
Version: E,K,Q
Version: F,L,R
I
DD
V
TH
V
TH
Max.
o
at 25 C
Min.
o
at 25 C
V
TH
V
TH
V
OH
V
= 3 V, I
= 4 mA
DD
OL
V
= 1 V, I
= 50
mA
DD
OL
V
= 5 V, I
= -8 mA
DD
OH
V
= 3 V, I
= -4 mA
DD
OH
V
= 1 V, I
= -100
mA
DD
OH
1.77
2.09
2.48
3.11
3.55
4.05
4.3
2.3
850
1.84
2.18
2.59
3.23
3.70
4.22
1.5
3.0
5.2
1.95
2.32
2.73
3.42
3.88
4.42
25
175
140
20
4.5
2.6
950
0.05
2.1
3.9
6.8
2.04
2.41
2.86
3.59
4.08
4.67
3.1
5.7
10.0
2.17
2.55
3.03
3.80
4.32
4.95
400
300
90
1
Table 3
Timing Characteristics
O
V
= 5.0 V, T = -40 to +85 C, unless otherwise specified
DD
A
t
POR
t
SEN
for V
= 5 V to 3 V in 5
ms
DD
140
20
22
Power on reset time
3)
Sensitivity
ms
ms
ms
Table 4
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
3)
Reaction time
t
R
3)
Tested on versions with V higher than 3 V
TH
for V
= 5 V to 3 V in 5
ms
DD
290
0.8 t
R
75
560
150
V6301
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com