Electronic Components Datasheet Search
  English  ▼

X  

V6301 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # V6301
Description  Ultra Low Power 3-Pin Voltage Surveillance with Time-out
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V6301 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  V6301 Datasheet HTML 1Page - List of Unclassifed Manufacturers V6301 Datasheet HTML 2Page - List of Unclassifed Manufacturers V6301 Datasheet HTML 3Page - List of Unclassifed Manufacturers V6301 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Ordering Information
The V6301 is available with Push-pull or Open output stage
and Reset active low or high.
Ordering form: V6301 <version letter> < packaging>
Example: Smart reset with: - Reset active low
- Open drain output
- 2.8 V threshold
- TO-92 package
V6301 O TO-92
When ordering, please specify the complete part number.
Version letter definition
Output stage
Threshold Voltage [V]
2.0
2.4 2.8
3.5
4.0
4.5
1)
Push-pull, Reset active low
A
B
C
D
E
F
1)
1)
Push-pull, Reset active high
G
H
I
J
K
L
1)
1)
1)
Open drain, Reset active low M
N
O
P
Q
R
Table 7
Chip form and SOT-223 on request
1) Non-stock items, minimum order 30 K pieces.
V6301
R
EM Microelectronic-Marin SA cannot assume responsibility for use of any circuitry described other than circuitry entirely embodied in
an EM Microelectronic-Marin SA product. EM Microelectronic-Marin SA reserves the right to change the circuitry and specifications
without notice at any time. You are strongly urged to ensure that the information given has not been superseded by a more up-to-date
Ó 2000 EM Microelectronic-Marin SA,10/00, Rev. B/316



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com