Electronic Components Datasheet Search
  English  ▼

X  

V6301 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # V6301
Description  Ultra Low Power 3-Pin Voltage Surveillance with Time-out
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V6301 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  V6301 Datasheet HTML 1Page - List of Unclassifed Manufacturers V6301 Datasheet HTML 2Page - List of Unclassifed Manufacturers V6301 Datasheet HTML 3Page - List of Unclassifed Manufacturers V6301 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Applications
All microprocessor applications where an automatic restart is
required:
n Computer electronics
White / Brown goods
Automotive electronics
Industrial electronics
n
n
n
n Telecom systems
n Hand-held systems
Features
n Clear microprocessor restart after power up
Low power consumption: typ. 3
mA at V = 5 V
DD
- 40 to +85
temperature range
On request extended temperature range, -40 to +125
On-chip oscillator
No external components required
Push-pull or Open drain output
n Processor reset at power down
n Reset output guaranteed down to V
= 1 V
DD
n
O
n
C
O
n
C
n
n
n
n TO-92, SOT-23 5L packages
n Pin compatible with DS 1233 A in TO-92
Description
The V6301 is a CMOS device which monitors the supply voltage
of any electronic system, and generates the appropriate Reset
signal. The thres hold defines the minimum allowed voltage
which guarantees the good functionality of the system. As long
as V
stays upside this voltage level, the output stays inactive.
DD
If V
drops below V , the output gets active. When V
rises
DD
TH
DD
above V , the output remains active for an additional 290 ms
TH
(typ.). This al lows the system to stabilize before getting fully
active. The threshold v oltage may be obtained in differ ent
versions: 2.0 V, 2.4 V, 2.8 V, 3.5 V, 4.0 V, 4.5 V.
Ultra Low Power 3-Pin Voltage Surveillance
with Time-out
Pin Assignment
TO-92
Fig. 2
V
DD
V
SS
1
2
3
RES
or
RES
V6301
View
Flat Front
NC
1
2
4
V
SS
RES or
RES
V6301
3
V
DD
SOT-23 5L
NC
5
Typical Operating Configuration
V
DD
V
DD
V
SS
RES
or
RES
V6301
GND
Micro-
processor
Fig. 1
V
DD
V
SS
RES
or
RES
For Open drain version:
1
EM MICROELECTRONIC-MARIN SA
V6301
R


Similar Part No. - V6301

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V6301 EMMICRO-V6301 Datasheet
346Kb / 6P
Ultra Low Power 3-Pin Power-On Reset IC
V6301ASP5B EMMICRO-V6301ASP5B Datasheet
346Kb / 6P
Ultra Low Power 3-Pin Power-On Reset IC
V6301BSP5B EMMICRO-V6301BSP5B Datasheet
346Kb / 6P
Ultra Low Power 3-Pin Power-On Reset IC
V6301CSP5B EMMICRO-V6301CSP5B Datasheet
346Kb / 6P
Ultra Low Power 3-Pin Power-On Reset IC
V6301DSP5B EMMICRO-V6301DSP5B Datasheet
346Kb / 6P
Ultra Low Power 3-Pin Power-On Reset IC
More results

Similar Description - V6301

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6375 MAXIM-MAX6375 Datasheet
145Kb / 7P
3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
logo
List of Unclassifed Man...
H6052 ETC-H6052 Datasheet
132Kb / 4P
3-Pin Voltage Surveillance with Time-out
logo
Taiwan Semiconductor Co...
TS4266G TSC-TS4266G Datasheet
117Kb / 4P
150mA Ultra Low Drop Out Voltage Regulator with Inhibit
logo
List of Unclassifed Man...
V6310 ETC1-V6310 Datasheet
283Kb / 4P
Ultra Low Power 3-Pin Voltage Window Surveillance with Time-out
logo
Maxim Integrated Produc...
MAX6375 MAXIM-MAX6375_05 Datasheet
159Kb / 7P
3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
MAX6332 MAXIM-MAX6332_05 Datasheet
147Kb / 6P
3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Rev 2; 12/05
MAX6332_V3 MAXIM-MAX6332_V3 Datasheet
95Kb / 6P
3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits
Rev 3; 6/12
logo
Monolithic Power System...
MP8104 MPS-MP8104 Datasheet
470Kb / 10P
Ultra Low Power 1.8V, 400KHz Op Amp With Industry Standard Pin-Out
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com