Electronic Components Datasheet Search
  English  ▼

X  

HMC459 Datasheet(PDF) 4 Page - Micross Components

Part # HMC459
Description  Telecom Infrastructure
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC459 Datasheet(HTML) 4 Page - Micross Components

  HMC459 Datasheet HTML 1Page - Micross Components HMC459 Datasheet HTML 2Page - Micross Components HMC459 Datasheet HTML 3Page - Micross Components HMC459 Datasheet HTML 4Page - Micross Components HMC459 Datasheet HTML 5Page - Micross Components HMC459 Datasheet HTML 6Page - Micross Components HMC459 Datasheet HTML 7Page - Micross Components HMC459 Datasheet HTML 8Page - Micross Components HMC459 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3
3 - 28
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC459
GaAs PHEMT MMIC
POWER AMPLIFIER, DC - 18 GHz
v01.1007
General Description
Features
Functional Diagram
The HMC459 is a GaAs MMIC PHEMT Distributed
Power Amplifier die which operates between DC
and 18 GHz. The amplifier provides 17 dB of gain,
+31.5 dBm output IP3 and +25 dBm of output power
at 1 dB gain compression while requiring 290 mA
from a +8V supply. Gain flatness is good making the
HMC459 ideal for EW, ECM and radar driver amplifier
applications. The HMC459 amplifier I/O’s are inter-
nally matched to 50 Ohms facilitating easy integration
into Multi-Chip-Modules (MCMs). All data is with the
chip in a 50 Ohm test fixture connected via 0.025mm
(1 mil) diameter wire bonds of minimal length 0.31mm
(12 mils).
P1dB Output Power: +25 dBm
Gain: 17 dB
Output IP3: +31.5 dBm
Supply Voltage: +8V @ 290 mA
50 Ohm Matched Input/Output
Die Size: 3.12 x 1.63 x 0.1 mm
Typical Applications
The HMC459 wideband driver is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military & Space
• Test Instrumentation
Electrical Specifications, T
A = +25° C, Vdd= 8V, Vgg2= 3V, Idd= 290 mA*
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min
Typ
Max
Units
Frequency Range
DC - 2.0
DC - 6.0
DC - 10.0
DC - 18.0
GHz
Gain
16.5
18.5
15
18
14
17
9
12
dB
Gain Flatness
±0.5
±0.75
±0.75
dB
Gain Variation Over Temperature
0.02
0.03
0.02
0.03
0.03
0.04
0.035
0.045
dB/ °C
Input Return Loss
22
19.5
19
10
dB
Output Return Loss
27
15
14
14
dB
Output Power for 1 dB
Compression (P1dB)
21
24
20.5
24.5
22
25
14
17
dBm
Saturated Output Power (Psat)
26.5
26.5
26.5
21
dBm
Output Third Order Intercept
(IP3)
40
34
31.5
26
dBm
Noise Figure
4.0
4.0
3.0
6.5
dB
Supply Current
(Idd) (Vdd= 8V, Vgg1= -0.5V Typ.)
290
290
290
290
mA
* Adjust Vgg1 between -2 to 0V to achieve Idd= 290 mA typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com