Electronic Components Datasheet Search
  English  ▼

X  

HMC459 Datasheet(PDF) 8 Page - Micross Components

Part # HMC459
Description  Telecom Infrastructure
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC459 Datasheet(HTML) 8 Page - Micross Components

Back Button HMC459 Datasheet HTML 3Page - Micross Components HMC459 Datasheet HTML 4Page - Micross Components HMC459 Datasheet HTML 5Page - Micross Components HMC459 Datasheet HTML 6Page - Micross Components HMC459 Datasheet HTML 7Page - Micross Components HMC459 Datasheet HTML 8Page - Micross Components HMC459 Datasheet HTML 9Page - Micross Components HMC459 Datasheet HTML 10Page - Micross Components HMC459 Datasheet HTML 11Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
3
3 - 32
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Number
Function
Description
Interface Schematic
1
RFIN
This pad is DC coupled and matched to 50 Ohms.
2Vgg2
Gate Control 2 for amplifier. +3V should be applied to Vgg2
for nominal operation. Vgg2 may be adjusted between 0 to
+5V to temperature compensate gain.
4
RFOUT & Vdd
RF output for amplifier. Connect the DC
bias (Vdd) network to provide drain current (Idd).
See application circuit herein.
5Vgg1
Gate Control 1 for amplifier. Adjust between -2 to 0V
to achieve Idd= 290 mA.
3ACG1
Low frequency termination. Attach bypass capacitor per
application circuit here in.
6ACG2
Low frequency termination. Attach bypass capacitor per
application circuit here in.
Die
Bottom
GND
Die bottom must be connected to RF/DC ground.
Pad Descriptions
HMC459
v01.1007
GaAs PHEMT MMIC
POWER AMPLIFIER, DC - 18 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com