Electronic Components Datasheet Search
  English  ▼

X  

HMC459 Datasheet(PDF) 6 Page - Micross Components

Part # HMC459
Description  Telecom Infrastructure
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC459 Datasheet(HTML) 6 Page - Micross Components

Back Button HMC459 Datasheet HTML 2Page - Micross Components HMC459 Datasheet HTML 3Page - Micross Components HMC459 Datasheet HTML 4Page - Micross Components HMC459 Datasheet HTML 5Page - Micross Components HMC459 Datasheet HTML 6Page - Micross Components HMC459 Datasheet HTML 7Page - Micross Components HMC459 Datasheet HTML 8Page - Micross Components HMC459 Datasheet HTML 9Page - Micross Components HMC459 Datasheet HTML 10Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
3
3 - 30
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Output P1dB vs. Temperature
Output Psat vs. Temperature
Output IP3 vs. Temperature
Gain, Power & Output IP3
vs. Supply Voltage @ 5 GHz, Fixed Vgg
10
14
18
22
26
30
0
4
8
121620
+25 C
+85 C
-55 C
FREQUENCY (GHz)
10
14
18
22
26
30
04
8
12
16
20
+25 C
+85 C
-55 C
FREQUENCY (GHz)
20
24
28
32
36
40
44
04
8
12
16
20
+25 C
+85 C
-55 C
FREQUENCY (GHz)
16
20
24
28
32
36
7.5
8
8.5
GAIN (dB)
P1dB (dBm)
PSAT (dBm)
IP3 (dBm)
Vdd SUPPLY VOLTAGE (V)
Reverse Isolation vs. Temperature
-70
-60
-50
-40
-30
-20
-10
0
04
8
12
16
20
+25 C
+85 C
-55 C
FREQUENCY (GHz)
HMC459
v01.1007
GaAs PHEMT MMIC
POWER AMPLIFIER, DC - 18 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com