Electronic Components Datasheet Search
  English  ▼

X  

AH103 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AH103
Description  High Gain, High Linearity 쩍 Watt Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH103 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AH103 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH103 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH103 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH103 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH103 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH103 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
November 2003
The Communications Edge
TM
AH103
High Gain, High Linearity ½ Watt Amplifier
Product Information
Application Circuit: 700 – 1000 MHz
(AH103-PCB900)
Typical RF Performance
Frequency
880 MHz
S21 – Gain
28.5 dB
S11 – Input Return Loss
-15 dB
S22 – Output Return Loss
-11 dB
Output P1dB
+27 dBm
Output IP3
(+10 dBm / tone, 1 MHz spacing)
+45 dBm
IS-95 Channel Power
@ -45 dBc ACPR
+21 dBm
Noise Figure
2.9 dB
Supply Bias (Amp 1)
+4.5 V @ 75 mA
Supply Bias (Amp 2)
+9 V @ 200 mA
0.6
0.7
0.8
0.9
1
1.1
1.2
Frequency (GHz)
S-Parameters
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
DB(|S[1,1]|)
DB(|S[2,1]|)
DB(|S[2,2]|)
880 MHz ACPR vs Channel Power
Single Carrier and 4-Carrier IS-95
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
10
12
14
16
18
20
Channel Output Power (dBm)
Single Carrier
4 Carrier
Single Carrier Signal:
IS-95, 9 Channels Forward, Pk/Avg Ratio = 11.5 dB at a .001% probability
±750 kHz offset, 30 kHz bandwidth, Channel BW = 1.23 MHz
Four-Carrier Signal:
IS-95, 9 Channels Forward, Pk/Avg Ratio = 10.2 dB at a .001% probability
±2.60 MHz offset, 30 kHz bandwidth, Channel BW = 4.92 MHz
Application Circuit: 1.8 – 2.0 GHz
(AH103-PCB1900)
Typical RF Performance
Frequency
1960 MHz
S21 – Gain
26 dB
S11 – Input Return Loss
-12 dB
S22 – Output Return Loss
-11 dB
Output P1dB
+26.5 dBm
Output IP3
(+10 dBm / tone, 1 MHz spacing)
+45 dBm
IS-95 Channel Power
@ -45 dBc ACPR
+20 dBm
Noise Figure
3.7 dB
Supply Bias (Amp 1)
+4.5 V @ 75 mA
Supply Bias (Amp 2)
+9 V @ 200 mA
1.6
1.7
1.8
1.9
2
2.1
2.2
Frequency (GHz)
S-Parameters
-20
-15
-10
-5
0
5
10
15
20
25
30
DB(|S[1,1]|)
DB(|S[2,1]|)
DB(|S[2,2]|)
1960 MHz ACPR vs Channel Power
Single Carrier and 4-Carrier IS-95
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
10
12
14
16
18
20
Channel Output Power (dBm)
Single Carrier
4 Carrier
Single Carrier Signal:
IS-95, 9 Channels Forward, Pk/Avg Ratio = 11.5 dB at a .001% probability
±885 kHz offset, 30 kHz bandwidth, Channel BW = 1.23 MHz
Four-Carrier Signal:
IS-95, 9 Channels Forward, Pk/Avg Ratio = 10.2 dB at a .001% probability
±2.76 MHz offset, 30 kHz bandwidth, Channel BW = 4.98 MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com