Electronic Components Datasheet Search
  English  ▼

X  

AH103 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AH103
Description  High Gain, High Linearity 쩍 Watt Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH103 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AH103 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH103 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH103 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH103 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH103 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH103 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
November 2003
The Communications Edge
TM
AH103
High Gain, High Linearity ½ Watt Amplifier
Product Information
Application Circuit
Notes:
1.
DNP = Do not place this component.
2.
Distance “D1” measured from U1, pin 4 to edge of Cx (where x = 2, 3, or 4).
a.
D1 = 0.620” to C2 (for use with AH103-PCB1750)
The 2.0 pF input tuning capacitor is placed .045” to the left of “C2” shown on the silk
screen. The shunt capacitor is placed directly on the right and adjacent to the input
blocking capacitor C1.
b.
D1 = 0.450” to C3 (for use with AH103-PCB1900)
c.
D1 = 0.310” to C4 (for use with AH103-PCB2140)
3.
A voltage regulator is used in this circuit (U2) to drop the +9 V to a +5 V usable supply for the first
internal amplifier. It is permissible to remove the regulator and operate the 1
st amplifier stage
directly off of +5 V supply onto Test Point 1 (TP1). The use of a +5 V supply on the 1
st amplifier
stage requires a dropping resistor of 6.8
Ω.
4.
A +4.5 V supply can also be used to bypass the 6.8
Ω and can be applied to Test Point 2 (TP2).
Evaluation Board PCB Layout
Circuit Board Material: .014” FR-4, 4 layers, .062” total thickness
Bill of Materials
All Application Circuits
Ref. Desig.
Component
R1
6.8
Ω chip resistor
L2, L3
18 nH chip inductor
C6, C10, C12
.018
µF chip capacitor
U1
WJ AH103 Amplifier
U2
+5V Regulator,
National Semiconductor
NJM78L05
5. All components are of size 0603.
6. Other components not shown above are specific
for the frequency band of interest.
AH103-PCB900
700 – 1000 MHz App. Circuit
Ref. Desig.
Component
L1
10 nH chip inductor
L4
5.6 nH chip inductor
C1
0
Ω chip resistor
C5, C11
5.6 pF chip capacitor
C7
10 pF chip capacitor
C9
1.5 pF chip capacitor
C2, C3, C4, C8
DNP
AH103-PCB1750
1700 – 1800 MHz App. Circuit
Ref. Desig.
Component
C1, C11
47 pF chip capacitor
C2
2.0 pF chip capacitor
C5
0
Ω chip resistor
C8
10 pF chip capacitor
C3, C4, C7
C9, L1, L4
DNP
See note (2a) for the proper placement of C2.
AH103-PCB1900
1800 – 2000 MHz App. Circuit
Ref. Desig.
Component
C1, C11
47 pF chip capacitor
C3
1.5 pF chip capacitor
C5
0
Ω chip resistor
C8
10 pF chip capacitor
C2, C4, C7
C9, L1, L4
DNP
AH103-PCB2140
2110 – 2140 MHz App. Circuit
Ref. Desig.
Component
C1, C11
47 pF chip capacitor
C4
1.2 pF chip capacitor
C5
0
Ω chip resistor
C8
10 pF chip capacitor
C2, C3. C7
C9, L1, L4
DNP
2.4 – 2.7 GHz Reference Circuit
Ref. Desig.
Component
L1
1 pF chip capacitor
C1
0
Ω chip resistor
C5
22 pF chip capacitor
C8
10 pF chip capacitor
C11
47 pF chip capacitor
C2, C3. C4
C7, C9, L4
DNP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com