Electronic Components Datasheet Search
  English  ▼

X  

AH103 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AH103
Description  High Gain, High Linearity 쩍 Watt Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH103 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AH103 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH103 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH103 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH103 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH103 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH103 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
November 2003
The Communications Edge
TM
AH103
High Gain, High Linearity ½ Watt Amplifier
Product Information
Product Features
• 60 – 2700 MHz
• +27 dBm P1dB
• +46 dBm Output IP3
• 28.5 dB Gain @ 900 MHz
• Excellent ACPR
• MTTF > 100 Years
• SOIC-8 Pkg w/ heat slug
Applications
• Mobile Infrastructure
• W-LAN / ISM / RFID
• MDS / MMDS Infrastructure
Product Description
The AH103 is a high gain, high linearity ½-Watt
amplifier. This device is comprised of two individual
MMIC amplifiers internally and can be used with an
external interstage match for any of the mobile
infrastructure frequency bands.
The dual-stage
amplifier achieves up to +46 dBm IP3 performance
with 28.5 dB gain.
The device conforms to WJ Communications’ long
history of producing high reliability and quality
components. The AH103 has an associated MTTF of
a minimum of 100 years at a mounting temperature
of 85
°C. All devices are 100% RF & DC tested.
The product is targeted for use as driver amplifiers
for wireless infrastructure where high performance
and high linearity are required.
Functional Diagram
1
2
3
4
8
7
6
5
AMP 1
AMP 2
Function
Pin No.
Amp2 in
1
Amp1 out / Bias 1
2
Ground
3, 5, 8,
Backside copper
RF in (Amp1 in)
4
RF out (Amp2 out)
6
Bias 2
7
Specifications
Parameter
Units
Min
Typ
Max
Frequency Range (2)
MHz
60
800
2700
Gain
dB
26.5
28.5
Input Return Loss
dB
20
Output Return Loss
dB
11
Output P1dB
dBm
+26
+27
Output IP3 (3)
dBm
+43
+46
IS-95 Channel Power (4)
@ -45 dBc ACPR
dBm
+21
Noise Figure
dB
2.9
Supply Voltage (Amp1)
V
+4.5
Supply Voltage (Amp2)
V
+9
Operating Current (Amp1)
mA
55
75
100
Operating Current (Amp2)
mA
170
200
230
Thermal Resistance (5)
°C / W
20.6
Junction Temperature (6)
°C
160
Test conditions unless otherwise noted.
1. T = 25ºC, Vdd1 = +4.5 V, Vdd2 = +9 V, Frequency = 800 MHz in a tuned application circuit.
2. The frequency of operation & bandwidth is determined by the external interstage match.
3. 3OIP measured with two tones at an output power of +10 dBm/tone separated by 10 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
4. IS-95, 9 Channels Forward, Pk/Avg Ratio = 11.5 dB at a .001% probability
±750 kHz offset, 30 kHz BW, Channel BW = 1.23 MHz, frequency = 880 MHz.
5. The worst-case junction temperature for a given ground tab temperature can be calculated by
multiplying the thermal resistance with the total package power dissipation and adding it to the tab
temperature. ie. At 85
°C case temperature for a typical device, the worst-case junction temperature
would be = 85
°C + (9 V * 0.2 A + 4.5 V * 0.075 A) = 129°C.
6. The junction temperature ensures a minimum MTTF rating of 1 million hours of usage.
Typical Performance
Parameter
Units
Typical
Frequency
MHz
900
1900
2140
2400
S21
dB
28.5
26
25
24.7
S11
dB
-15
-12
-11
-12
S22
dB
-11
-11
-14
-17
Output P1dB
dBm
+27
+26.5
+26.5
+26
Output IP3
dBm
+46
+45
+45
+43.3
Channel Power
@ -45 dBc ACPR / ACLR
dBm
+21
+20
+17.2
Noise Figure
dB
2.9
3.7
3.5
3.6
Supply Bias 1
+4.5 V @ 75 mA
Supply Bias 2
+9 V @ 200 mA
7. Typical parameters reflect performance in an application circuit.
8. An IS-95 signal is used for 915 / 1960 MHz. A 3GPP W-CDMA signal is used for 2140 MHz.
Absolute Maximum Rating
Ordering Information
Parameter
Rating
Part No.
Description
Operating Case Temperature
-40 to +85
°C
AH103
High Gain ½ Watt Amplifier
Storage Temperature
-55 to +125
°C
(available in tape and reel)
DC Voltage (pin 2)
+6 V
AH103-PCB900
0.7 – 1.0 GHz Evaluation Circuit
DC Voltage (pin 6, 7)
+11 V
AH103-PCB1750
1.7 – 1.8 GHz Evaluation Circuit
RF Input Power (continuous)
4 dB above Input P1dB
AH103-PCB1900
1.8 – 2.0 GHz Evaluation Circuit
Junction Temperature
+220
°C
AH103-PCB2140
2.1 – 2.2 GHz Evaluation Circuit
Operation of this device above any of these parameters may cause permanent damage.


Similar Part No. - AH103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH103 ETC-AH103 Datasheet
103Kb / 1P
High Gain, High Linearity 쩍 Watt Amplifier
logo
WJ Communication. Inc.
AH103A WJCI-AH103A Datasheet
263Kb / 6P
High Gain, High Linearity 쩍-Watt Amplifier
AH103A-G WJCI-AH103A-G Datasheet
263Kb / 6P
High Gain, High Linearity 쩍-Watt Amplifier
logo
TriQuint Semiconductor
AH103A-G TRIQUINT-AH103A-G Datasheet
306Kb / 6P
High Gain, High Linearity Watt Amplifier
logo
WJ Communication. Inc.
AH103A-PCB1900 WJCI-AH103A-PCB1900 Datasheet
263Kb / 6P
High Gain, High Linearity 쩍-Watt Amplifier
More results

Similar Description - AH103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH103 ETC-AH103 Datasheet
103Kb / 1P
High Gain, High Linearity 쩍 Watt Amplifier
logo
WJ Communication. Inc.
AH103A WJCI-AH103A Datasheet
263Kb / 6P
High Gain, High Linearity 쩍-Watt Amplifier
AH116 WJCI-AH116 Datasheet
361Kb / 4P
쩍 Watt, High Linearity InGaP HBT Amplifier
AH115 WJCI-AH115 Datasheet
422Kb / 5P
쩍 Watt, High Linearity InGaP HBT Amplifier
ECP052D WJCI-ECP052D_06 Datasheet
369Kb / 4P
쩍 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH103A TRIQUINT-AH103A_15 Datasheet
306Kb / 6P
High Gain, High Linearity Watt Amplifier
QPA9119 TRIQUINT-QPA9119 Datasheet
939Kb / 12P
쩍 W High Linearity Amplifier
logo
Broadcom Corporation.
MGA-30216 BOARDCOM-MGA-30216 Datasheet
217Kb / 14P
1.7-2.7GHz 쩍 Watt High Linearity Amplifi er
DEMO-MGA-30X16 BOARDCOM-DEMO-MGA-30X16 Datasheet
311Kb / 17P
쩍 Watt High Linearity Amplifi er
logo
Qorvo, Inc
QPA9119 QORVO-QPA9119 Datasheet
999Kb / 14P
쩍 W High Linearity Amplifier
April 26, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com