Electronic Components Datasheet Search
  English  ▼

X  

AH103 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AH103
Description  High Gain, High Linearity 쩍 Watt Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH103 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AH103 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH103 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH103 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH103 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH103 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH103 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
November 2003
The Communications Edge
TM
AH103
High Gain, High Linearity ½ Watt Amplifier
Product Information
Application Circuit: 2110 – 2170 MHz
(AH103-PCB2140)
Typical RF Performance
Frequency
2140 MHz
S21 – Gain
25 dB
S11 – Input Return Loss
-11 dB
S22 – Output Return Loss
-14 dB
Output P1dB
+26.5 dBm
Output IP3
(+10 dBm / tone, 1 MHz spacing)
+45 dBm
Noise Figure
3.5 dB
Supply Bias (Amp 1)
+4.5 V @ 75 mA
Supply Bias (Amp 2)
+9 V @ 200 mA
1.9
2
2.1
2.2
2.3
2.4
Frequency (GHz)
S-Parameters
-20
-15
-10
-5
0
5
10
15
20
25
30
DB(|S[1,1]|)
DB(|S[2,1]|)
DB (|S[2,2]|)
ACPR vs. Channel Power
3GPP W-CDMA, Test Model 1 +64 DPCH, ±5 MHz offset
-60
-55
-50
-45
-40
12
13
14
15
16
17
18
Output Channel Power (dBm)
freq = 2140 MHz
Reference Design: 2.4 – 2.7 GHz
Typical RF Performance
Frequency
MHz
2400
2700
S21 – Gain
dB
24.7
23.5
S11 – Input Return Loss
dB
-12
-15
S22 – Output Return Loss
dB
-17
-16
Output P1dB
dBm
+26
+25.2
Output IP3
(+10 dBm / tone, 1 MHz spacing)
dBm
+43.3
+41.9
Noise Figure
dB
3.6
3.6
Supply Bias (Amp 1)
4.5 V @ 75 mA
Supply Bias (Amp 2)
9 V @ 200 mA
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
Frequency (GHz)
S-Parameters
-20
-15
-10
-5
0
5
10
15
20
25
30
2.7008 GHz
23.53 dB
2.4009 GHz
24.72 dB
DB(|S[1,1]|)
DB(|S[2,1]|)
DB(|S[2,2]|)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com