Electronic Components Datasheet Search
  English  ▼

X  

AT32063 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # AT32063
Description  AT-32063
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT32063 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  AT32063 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
AT-32063 Typical Noise Parameters
Common Emitter, Zo = 50
Ω, VCE = 2.7 V, IC = 5 mA
Freq.
Fmin
GA
Γopt
GHz
dB
dB
Mag.
Ang.
Rn/50
0.9
0.98
16.4
0.447
51.0
0.23
1.8
1.50
11.6
0.292
100.1
0.16
2.4
1.77
10.1
0.334
153.4
0.11
AT-32063 Typical Scattering Parameters, Common Emitter, Z
O = 50 Ω, VCE = 2.7 V, IC = 5 mA
AT-32063 Typical Noise Parameters
Common Emitter, Zo = 50
Ω, VCE = 2.7 V, IC = 20 mA
Freq.
Fmin
GA
Γopt
GHz
dB
dB
Mag.
Ang.
Rn/50
0.9
1.51
17.9
0.134
88.0
0.20
1.8
1.78
12.7
0.202
177.9
0.13
2.4
1.96
10.6
0.282
235.0
0.08
0
5
S21
10
15
20
40
25
30
35
0.1
1.1
2.1
3.1
4.1
5.1
FREQUENCY (GHz)
Figure 10. Gain vs. Frequency at 2.7 V,
20 mA.
MSG
MSG
MAG
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.87
-19
23.36
14.72
162
-37.77
0.013
80
0.96
-9
0.5
0.52
-72
19.21
9.13
116
-27.03
0.045
60
0.72
-25
0.9
0.34
-101
15.40
5.89
94
-24.01
0.063
58
0.62
-28
1.0
0.31
-106
14.60
5.37
90
-23.41
0.067
58
0.61
-29
1.5
0.22
-129
11.54
3.77
74
-20.85
0.091
58
0.58
-33
1.8
0.19
-141
10.12
3.21
66
-19.52
0.106
58
0.57
-36
2.0
0.17
-150
9.33
2.93
61
-18.72
0.116
57
0.57
-38
2.4
0.14
-169
7.95
2.50
52
-17.22
0.138
56
0.57
-42
3.0
0.12
160
6.34
2.08
39
-15.25
0.173
52
0.56
-49
4.0
0.16
117
4.46
1.67
20
-12.40
0.240
44
0.53
-63
5.0
0.22
93
3.15
1.44
2
-10.03
0.315
33
0.48
-82
0
5
S21
10
15
20
25
30
35
0.1
1.1
2.1
3.1
4.1
5.1
FREQUENCY (GHz)
Figure 9. Gain vs. Frequency at 2.7 V,
5 mA.
MSG
MSG
MAG
AT-32063 Typical Scattering Parameters, Common Emitter, Z
O = 50 Ω, VCE = 2.7 V, IC = 20 mA
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.55
-41
30.48
33.40
143
-39.81
0.010
74
0.83
-15
0.5
0.20
-107
21.24
11.53
97
-29.18
0.035
72
0.56
-20
0.9
0.13
-137
16.48
6.66
82
-24.63
0.059
72
0.53
-22
1.0
0.13
-141
15.60
6.02
79
-23.79
0.065
71
0.53
-22
1.5
0.10
-164
12.26
4.10
67
-20.43
0.095
68
0.52
-27
1.8
0.09
-178
10.78
3.46
60
-18.88
0.114
66
0.53
-31
2.0
0.09
172
9.93
3.14
56
-17.98
0.126
64
0.53
-34
2.4
0.08
152
8.52
2.67
48
-16.39
0.151
60
0.53
-39
3.0
0.10
127
6.85
2.20
36
-14.40
0.191
54
0.52
-47
4.0
0.15
101
4.92
1.76
18
-11.68
0.261
43
0.48
-61
5.0
0.21
86
3.59
1.51
0
-9.52
0.334
31
0.44
-79
88759/04-6.PM6.0J
2001.04.25, 7:56 PM
Page 5
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com