Electronic Components Datasheet Search
  English  ▼

X  

AT32063 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # AT32063
Description  AT-32063
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT32063 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  AT32063 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Package Dimensions
Outline 63 (SOT-363/SC-70)
Part Number Ordering Information
Part Number
No. of Devices
Container
AT-32063-TR1
3000
7" Reel
AT-32063-BLK
100
antistatic bag
Tape Dimensions and Product Orientation
Device Orientation
Package Characteristics
Lead Material ............................. Copper
Lead Finish ................. Tin-Lead 85/15%
Maximum Soldering Temperature
................... 260
°C for 5 seconds
Minimum Lead Strength
.............................. 2 pounds pull
Typical Package Inductance ......... 2 nH
Typical Package Capacitance
............ 0.08 pF (opposite leads)
PC Board Footprints
SOT-363
2.20 (0.087)
2.00 (0.079)
1.35 (0.053)
1.15 (0.045)
1.30 (0.051)
REF.
0.650 BSC (0.026)
2.20 (0.087)
1.80 (0.071)
0.10 (0.004)
0.00 (0.00)
0.25 (0.010)
0.15 (0.006)
1.00 (0.039)
0.80 (0.031)
0.20 (0.008)
0.10 (0.004)
0.30 (0.012)
0.10 (0.004)
0.30 REF.
10
°
0.425 (0.017)
TYP.
DIMENSIONS ARE IN MILLIMETERS (INCHES)
I I Y
PACKAGE MARKING CODE
& DATE CODE
0.026
0.075
0.016
0.035
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
END VIEW
8 mm
4 mm
TOP VIEW
###
###
###
###
88759/04-6.PM6.0J
2001.04.25, 7:57 PM
Page 7
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com