Electronic Components Datasheet Search
  English  ▼

X  

AT32063 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # AT32063
Description  AT-32063
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT32063 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  AT32063 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Characterization Information, T
A = 25°C
Symbol
Parameters and Test Conditions
Units
Typ.
P1 dB
Power at 1 dB Gain Compression (opt tuning); VCE = 2.7 V, IC = 20 mA
f = 0.9 GHz
dBm
12
G1 dB
Gain at 1 dB Gain Compression (opt tuning); VCE = 2.7 V, IC = 20 mA
f = 0.9 GHz
dB
16
IP3
Output Third Order Intercept Point (opt tuning); VCE = 2.7 V, IC = 20 mA
f = 0.9 GHz
dBm
24
Typical Performance, T
A = 25°C
0
0.50
1.00
2.00
1.50
0.9
1.8
2.4
FREQUENCY (GHz)
Figure 2. Minimum Noise Figure vs.
Frequency and Current at 2.7 V.
2.7V/2 mA
2.7V/5 mA
2.7V/20 mA
0
5.0
10.0
20.0
15.0
0.9
1.8
2.4
FREQUENCY (GHz)
Figure 3. Associated Gain at
Optimum Noise Match vs. Frequency
and Current at 2.7 V.
2.7V/2 mA
2.7V/5 mA
2.7V/20 mA
10
11
12
15
13
14
0.9
1.8
2.4
FREQUENCY (GHz)
Figure 4. Power at 1 dB Gain
Compression vs. Frequency at 2.7 V
and 20 mA.
0
5
10
15
25
20
0
0.5
1.0
1.5
2.0
2.5
FREQUENCY (GHz)
Figure 6. Third Order Intercept vs.
Frequency and Bias at 2.7 V, with
Optimal Tuning.
2 mA
5 mA
10 mA
20 mA
0
3
6
18
15
9
12
0.9
1.8
2.4
FREQUENCY (GHz)
Figure 5. 1 dB Compressed Gain vs.
Frequency at 2.7 V and 20 mA.
88759/04-6.PM6.0J
2001.04.25, 7:56 PM
Page 3
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com