Electronic Components Datasheet Search
  English  ▼

X  

AT32063 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # AT32063
Description  AT-32063
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT32063 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  AT32063 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT32063 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Absolute Maximum Ratings[1]
Thermal Resistance[2]:
θjc = 370°C/W
注:
1. これらのパラメータのいずれかを超え
る状態でデバイスを動作させると、永
久的な損傷を受ける可能性がありま
す.
2. TMOUNTING SURFACE = 25℃.
3. TC > 94.5℃の場合は、2.7mW/℃の割合
で定格を下げてください.
4. 1デバイスあたり150mW.
Electrical Specifications, T
A = 25°C
Symbol
Parameters and Test Conditions
Units Min.
Typ. Max.
NF
Noise Figure; V
CE = 2.7 V, IC = 5 mA
f = 0.9 GHz
dB
1.1[2]
1.4[2]
GA
Associated Gain; VCE = 2.7 V, IC = 5 mA
f = 0.9 GHz
dB
12.5[2] 14.5[2]
h
FE
Forward Current Transfer Ratio; V
CE = 2.7 V, IC = 5 mA
−
50
270
I
CBO
Collector Cutoff Current; V
CB = 3 V
µA
0.2
IEBO
Noise Figure; VEB = 1 V
µA
1.5
注:
1. すべてのデータは各々のトランジスタの特性です.
2. 図1のテスト回路を使用。この数字は回路のロスから計算された値です.図1の回路では入力は0.2dB、出力は0.3dBのロスが存在し
ています.
Absolute
Symbol
Parameter
Units
Maximum
V
EBO
Emitter-Base Voltage
V
1.5
V
CBO
Collector-Base Voltage
V
11
V
CEO
Collector-Emitter Voltage
V
5.5
I
C
Collector Current
mA
32
P
T
Power Dissipation [2,3,4]
mW
150
T
j
Junction Temperature
°C
150
T
STG
Storage Temperature
°C
-65 to 150
W = 20
L = 60
W = 10
L = 450
W = 10
L = 100
TEST CIRCUIT
BOARD MATERIAL = 0.047 GETEK (
ε = 4.3)
DIMENSIONS IN MILS
NOT TO SCALE
50
Ω
50
Ω
Figure 1. Test circuit for Noise Figure and Associated Gain.
この回路は、最適な雑音指数、利得、安定性を考慮し、実用的、
総合的な整合を行なうように構成されています。
88759/04-6.PM6.0J
2001.04.25, 7:56 PM
Page 2
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com