Electronic Components Datasheet Search
  English  ▼

X  

LAN89730 Datasheet(PDF) 171 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 171 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 167Page - Microchip Technology LAN89730 Datasheet HTML 168Page - Microchip Technology LAN89730 Datasheet HTML 169Page - Microchip Technology LAN89730 Datasheet HTML 170Page - Microchip Technology LAN89730 Datasheet HTML 171Page - Microchip Technology LAN89730 Datasheet HTML 172Page - Microchip Technology LAN89730 Datasheet HTML 173Page - Microchip Technology LAN89730 Datasheet HTML 174Page - Microchip Technology LAN89730 Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 171
LAN89730
6.4.8
FLOW CONTROL REGISTER (FLOW)
This register is used to control the generation and reception of the Control frames by the MAC’s flow control block.
Before writing to this register, the application has to make sure that the busy bit is not set.
Address:
11Ch
Size:
32 bits
Bits
Description
Type
Default
31:16
Pause Time (FCPT)
This field indicates the value to be used in the PAUSE TIME field in the control
frame.
R/W
0000h
15:3
RESERVED
RO
-
2
Pass Control Frames (FCPASS)
When set, the MAC sets the packet filter bit in the receive packet status to
indicate to the application that a valid pause frame has been received. The
application must accept or discard a received frame based on the packet filter
control bit. The MAC receives, decodes and performs the pause function
when a valid pause frame is received in full-duplex mode and when flow con-
trol is enabled (FCEN bit set). When reset, the MAC resets the packet filter bit
in the receive packet status.
The MAC always passes the data of all frames it receives (including flow con-
trol frames) to the application. Frames that do not pass address filtering, as
well as frames with errors, are passed to the application. The application must
discard or retain the received frame’s data based on the received frame’s
STATUS field. Filtering modes (promiscuous mode, for example) take prece-
dence over the FCPASS bit.
R/W
0b
1
Flow Control Enable (FCEN)
When set, enables the MAC flow control function. The MAC decodes all
incoming frames for control frames; if it receives a valid control frame (PAUSE
command), it disables the transmitter for a specified time (decoded pause
time x slot time). When reset, the MAC flow control function is disabled; the
MAC does not decode frames for control frames.
Note:
Flow Control is applicable when the MAC is set in full-duplex mode.
In half-duplex mode, this bit enables the back pressure function to
control the flow of received frames to the MAC.
R/W
0b
0
Flow Control Busy (FCBSY)
This bit is set high whenever a pause frame or back pressure is being trans-
mitted. This bit should read logical 0 before writing to the Flow Control
(FLOW) register. During a transfer of Control Frame, this bit continues to be
set, signifying that a frame transmission is in progress. After the PAUSE con-
trol frame's transmission is complete, the MAC resets to 0.
Note:
When writing this register the FCBSY bit must always be zero.
Note:
Applications must always write a zero to this bit.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com