Electronic Components Datasheet Search
  English  ▼

X  

LAN89730 Datasheet(PDF) 188 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 188 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 184Page - Microchip Technology LAN89730 Datasheet HTML 185Page - Microchip Technology LAN89730 Datasheet HTML 186Page - Microchip Technology LAN89730 Datasheet HTML 187Page - Microchip Technology LAN89730 Datasheet HTML 188Page - Microchip Technology LAN89730 Datasheet HTML 189Page - Microchip Technology LAN89730 Datasheet HTML 190Page - Microchip Technology LAN89730 Datasheet HTML 191Page - Microchip Technology LAN89730 Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 218 page
background image
LAN89730
DS60001348A-page 188
 2013-2015 Microchip Technology Inc.
6.5.11
SYMBOL ERROR COUNTER REGISTER
Index (In Decimal):
26
Size:
16 bits
Bits
Description
Type
Default
15:0
Symbol Error Counter (SYM_ERR_CNT)
This 100BASE-TX receiver-based error counter increments when an invalid
code symbol is received, including IDLE symbols. The counter is incremented
only once per packet, even when the received packet contains more than one
symbol error. This field counts up to 65,536 and rolls over to 0 if incremented
beyond it’s maximum value.
Note:
This register is cleared on reset, but is not cleared by reading the
register. It does not increment in 10BASE-T mode.
RO
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com