Electronic Components Datasheet Search
  English  ▼

X  

LAN89730 Datasheet(PDF) 189 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 189 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 185Page - Microchip Technology LAN89730 Datasheet HTML 186Page - Microchip Technology LAN89730 Datasheet HTML 187Page - Microchip Technology LAN89730 Datasheet HTML 188Page - Microchip Technology LAN89730 Datasheet HTML 189Page - Microchip Technology LAN89730 Datasheet HTML 190Page - Microchip Technology LAN89730 Datasheet HTML 191Page - Microchip Technology LAN89730 Datasheet HTML 192Page - Microchip Technology LAN89730 Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 189
LAN89730
6.5.12
SPECIAL CONTROL/STATUS INDICATIONS REGISTER
Index (In Decimal):
27
Size:
16 bits
Bits
Description
Type
Default
15
Override AUTOMDIX_EN Strap
0 = AUTOMDIX_EN configuration strap enables or disables HP Auto MDIX
1 = Override AUTOMDIX_EN configuration strap. PHY Register 27.14 and
27.13 determine MDIX function
R/W
NASR
0b
14
Auto-MDIX Enable
Only effective when 27.15 = 1, otherwise ignored.
0 = Disable Auto-MDIX. 27.13 determines normal or reversed connection.
1 = Enable Auto-MDIX. 27.13 must be set to 0.
R/W
NASR
0b
13
Auto-MDIX State
Only effective when 27.15 = 1, otherwise ignored.
When 27.14 = 0 (manually set MDIX state):
0 = No crossover (TPO = output, TPI = input)
1 = Crossover (TPO = input, TPI = output)
When 27.14 = 1 (automatic MDIX) this bit must be set to 0.
Do not use the combination 27.15=1, 27.14=1, 27.13=1.
R/W
NASR
0b
12:5
RESERVED
RO
-
4
XPOL
Polarity state of the 10BASE-T:
0 = Normal polarity
1 = Reversed polarity
RO
0b
3:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com