Electronic Components Datasheet Search
  English  ▼

X  

BL4863PD Datasheet(PDF) 7 Page - SHANGHAI BELLING CO., LTD.

Part # BL4863PD
Description  Stereo headphone amplifier mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL4863PD Datasheet(HTML) 7 Page - SHANGHAI BELLING CO., LTD.

Back Button BL4863PD Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
BL4863
http://www.belling.com.cn
- 7 -
Total 11 Pages
10m
0.1
0.2
0.01
0.1
1
10
OUTPUT POWER
(W)
TH
D+
N
(%
)
BL4863 THD+N vs Outpt
Power
(VDD=5V, RL=32O, SE
Mode)
20
KHz
1
KHz
20 Hz
100
1k
10k
20k
0.01
0.1
1
10
FREQUENCY
(Hz)
TH
D+
N
(%
)
BL4863 THD+N vs
Frequency
(VDD=5V, RL=32O, Po=75mW, SE
Mode)
10m
0.1
1
0.01
0.1
1
10
OUTPUT POWER
(W)
TH
D+
N
(%
)
BL4863 THD+N vs Outpt
Power
(VDD=3.3V, RL=8O, BTL
Mode)
20
KHz
1
KHz
20 Hz
100
1k
10k
20k
0.01
0.1
1
10
FREQUENCY
(Hz)
TH
D+
N
(%
)
BL4863 THD+N vs
Frequency
(VDD=3.3V, RL=8O, Po=450mW, BTL
Mode)
10m
0.1
1
2
0.01
0.1
1
10
OUTPUT POWER
(W)
TH
D+
N
(%
)
BL4863 THD+N vs Outpt
Power
(VDD=3.3V, RL=4O, BTL
Mode)
20
KHz
1
KHz
20 Hz
100
1k
10k
20k
0.01
0.1
1
10
FREQUENCY
(Hz)
TH
D+
N
(%
)
BL4863 THD+N vs
Frequency
(VDD=3.3V, RL=4O, Po=750mW, BTL
Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com