Electronic Components Datasheet Search
  English  ▼

X  

BL4863PD Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL4863PD
Description  Stereo headphone amplifier mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL4863PD Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL4863PD Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BL4863
http://www.belling.com.cn
- 3 -
Total 11 Pages
Typical Application Circuit
HEADPHONE JACK
To HP_IN Circuit
CO=100uF
HP-DET
Amp 1A
Amp 2A
HP_IN
Ci=1uF
Ri=20KΩ
Rf=20KΩ
20KΩ
Audio
input
CB=0.33uF
-INA
+INA
+INB
+OUTA
-OUTA
Amp 1B
Amp 2B
Ci=1uF
Ri=20KΩ
Rf=20KΩ
20KΩ
Audio
input
-INB
+OUTB
-OUTB
Cs=1uF
SHD
VDD
GND
PIN 4 17
PIN 2 7 10 11 19
CO=100uF
BP
100KΩ
To Control Pin on
Headphone Jack
VDD
** SHD and HP-IN Operation Logic Level truth table
SHD
HP-IN
OPERATION MODE
Low
Low
Bridged amplifiers
Low
High
Single-Ended amplifiers
High
Low
Shutdown
High
High
Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com