Electronic Components Datasheet Search
  English  ▼

X  

BL4863PD Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL4863PD
Description  Stereo headphone amplifier mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL4863PD Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL4863PD Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
BL4863
http://www.belling.com.cn
- 1 -
Total 11 Pages
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
Features
 Stereo headphone amplifier mode
 Unity-gain stable
 Power output at 5.0V, 1% THD+N, 3Ω
2.50 W (typ.)
 Power output at 5.0V, 1% THD+N, 4Ω
2.20 W (typ.)
 Power output at 5.0V, 1% THD+N, 8Ω
1.25 W (typ.)
 Single-ended mode TND+N at 75mW into 32 Ω load
0.5% (max)
 Ultra-low shutdown current
0.1 uA (typ.)
 2.0V – 5.5V power operation range
 Improved circuitry eliminates pop-click noise during turn-on and turn-off transitions
 Thermal shutdown protection circuitry
 External gain configuration capability
 Exposed-DAP TSSOP20 package , DIP16 package SOP16 package
General Description
The BL4863 is a dual BTL connected Class-AB audio power amplifier designed for multimedia
monitors and other portable applications. It is capable of delivering 2.5 watts of continuous
average power to a 3Ω BTL load or 2.2 watts to a 4Ω BTL load with less than 1% distortion
(THD+N) from a 5VDC power supply. In addition, the HP-IN input pin allows the BL4863 to
operate in single-ended mode and drive stereo headphones.
The BL4863 was designed specifically to provide high quality output power with a minimal
amount of external components. With dual bridge speaker amplifiers and stereo headphone
amplifiers on one chip, it simplifies audio system design.
The BL4863 features an externally controlled shutdown mode, a stereo headphone driver mode,
and thermal shutdown protection. With special pop-click eliminating circuit, the BL4863
provides perfect pop-click characteristic during turn-on and turn-off transitions.
The BL4863 is unity-gain stable and can be configured by external gain-setting resistors.
Applications
 Multimedia monitors
 Portable and desktop computers
 Portable televisions


Similar Part No. - BL4863PD

ManufacturerPart #DatasheetDescription
logo
Fischer Elektronik GmbH...
BL4 FISCHERELEKTRONIK-BL4 Datasheet
240Kb / 2P
Female headers soldering technique
logo
Klein Tools, Inc.
BL4 KLEIN-BL4 Datasheet
2Mb / 8P
Hex-Key Wrenches
logo
Frontier Electronics.
BL4-005 FRONTIER-BL4-005 Datasheet
121Kb / 2P
4A BRIDGE RECTIFIER
BL4-005G FRONTIER-BL4-005G Datasheet
122Kb / 2P
4A GLASS PASSIVATED BRIDGE RECTIFIER
BL4-005G-LFR FRONTIER-BL4-005G-LFR Datasheet
122Kb / 2P
4A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - BL4863PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS482 STMICROELECTRONICS-TS482 Datasheet
597Kb / 24P
100mW STEREO HEADPHONE AMPLIFIER
Jun-2003
TS486 STMICROELECTRONICS-TS486 Datasheet
1Mb / 31P
100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE
Jun-2003
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
Headphone Stereo Power Amplifier
logo
Anachip Corp
AP4809 ANACHIP-AP4809 Datasheet
234Kb / 9P
Stereo Headphone Amplifier With Shutdown Mode
Rev. 1.0 Sep 29, 2004
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
Stereo Headphone Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
DIRECTPATH??Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
Stereo Headphone Amplifier
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
Advanced Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com