Electronic Components Datasheet Search
  English  ▼

X  

BL4863PD Datasheet(PDF) 8 Page - SHANGHAI BELLING CO., LTD.

Part # BL4863PD
Description  Stereo headphone amplifier mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL4863PD Datasheet(HTML) 8 Page - SHANGHAI BELLING CO., LTD.

Back Button BL4863PD Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL4863PD Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
BL4863
http://www.belling.com.cn
- 8 -
Total 11 Pages
20
100
1k
10k
20k
-120
-100
-80
-60
-40
-20
0
FREQUENCY
(Hz)
Ou
tp
ut
Le
vel
(d
B)
BL4863 Channel
Separation
(VDD=5V, RL=8O, Po=1W, CB=1uF, BTL
Mode)
Channel B to Channel
A
Channel A to Channel
B
20
100
1k
10k
20k
-120
-100
-80
-60
-40
-20
0
FREQUENCY
(Hz)
Ou
tp
ut
Le
vel
(d
B)
BL4863 Channel
Separation
(VDD=5V, RL=3O, Po=75mW, CB=1uF, SE
Mode)
Channel A to Channel
B
Channel B to Channel
A
20
100
1k
10k
20k
-80
-70
-60
-50
-40
-30
-20
-10
FREQUENCY (Hz)
Power Supply Rejection Ratio
(VDD=5V, RL=8Ω, Vripple=200mVp-p, CB=1uF)
SE Mode
BTL Mode
20
100
1k
10k
20k
1µ
10µ
100µ
1m
FREQUENCY
(Hz)
Ou
tp
ut
No
ise
Vo
lta
ge
(µ
V)
BL4863 Noise
Floor
(VDD=5V, RL=8O, A-Weighted Filte, BTL
Mode)
Vo1+Vo
2
Vo1
2
2.5
3
3.5
4
4.5
5
5.5
0
1
2
3
4
5
6
7
8
SUPPLY
VOLTAGE (V)
SU
PP
LY
C
U
R
RE
NT
(m
A)
BL4863 Supply Current vs Supply
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com