Electronic Components Datasheet Search
  English  ▼

X  

MGC3030 Datasheet(PDF) 30 Page - Microchip Technology

Part # MGC3030
Description  Audio Products
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 26Page - Microchip Technology MGC3030 Datasheet HTML 27Page - Microchip Technology MGC3030 Datasheet HTML 28Page - Microchip Technology MGC3030 Datasheet HTML 29Page - Microchip Technology MGC3030 Datasheet HTML 30Page - Microchip Technology MGC3030 Datasheet HTML 31Page - Microchip Technology MGC3030 Datasheet HTML 32Page - Microchip Technology MGC3030 Datasheet HTML 33Page - Microchip Technology MGC3030 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
MGC3030/3130
DS40001667D-page 30
Advance Information
 2012-2015 Microchip Technology Inc.
5.5
Communication Interfaces
5.5.1
I2C™
The
MGC3X30
offer
an
I2C™
interface
for
communicating with an application host. The I2C0 port
offers:
• Slave mode
• Up to 400 kHz
• 7-bit Addressing mode
• Hardware state machine for basic protocol
handling
• Support for repeated start and clock stretching
(Byte mode)
• No multi-master support
I2C™ Hardware Interface
A summary of the hardware interface pins is shown
below in Table 5-5.
•SCL Pin
- The SCL (Serial Clock) pin is electrically
open-drain and requires a pull-up resistor of
typically 1.8 kΩ (for a maximum bus load
capacitance of 200 pF), from SCL to VDD.
- SCL Idle state is high.
•SDA Pin
- The SDA (Serial Data) pin is electrically
open-drain and requires a pull-up resistor of
typically 1.8 kΩ (for a maximum bus load
capacitance of 200 pF), from SDA to VDD.
- SDA Idle state is high.
- Master write data is latched in on SCL rising
edges.
- Master read data is latched out on SCL falling
edges to ensure it is valid during the
subsequent SCL high time.
I2C™ Addressing
:
The MGC3X30 Device ID 7-bit address is: 0x42
(0b1000010) or 0x43 (0b1000011) depending on the
interface selection pin configuration (IS2+IS1). Please
refer to Table 5-6.
I2C™ Master Read Bit Timing
Master read is to receive position data, gesture reports
and command responses from the MGC3X30. The
timing diagram is shown in Figure 5-4.
• Address bits are latched into the MGC3X30 on
the rising edges of SCL.
• Data bits are latched out of the MGC3X30 on the
rising edges of SCL.
• ACK bit:
- MGC3X30 presents the ACK bit on the ninth
clock for address acknowledgment
-I2C master presents the ACK bit on the ninth
clock for data acknowledgment
•The I2C master must monitor the SCL pin prior to
asserting another clock pulse, as the MGC3X30
may be holding off the I2C master by stretching
the clock.
I2C™ Communication Steps
1.
SCL and SDA lines are Idle high.
2.
I2C master presents Start bit to the MGC3X30
by taking SDA high-to-low, followed by taking
SCL high-to-low.
3.
I2C master presents 7-bit address, followed by a
R/W = 1 (Read mode) bit to the MGC3X30 on
SDA, at the rising edge of eight master clock
(SCL) cycles.
4.
MGC3X30 compares the received address to its
Device ID. If they match, the MGC3X30
acknowledges (ACK) the master sent address
by presenting a low on SDA, followed by a low-
high-low on SCL.
5.
I2C master monitors SCL, as the MGC3X30 may
be clock stretching, holding SCL low to indicate
that the I2C master should wait.
TABLE 5-5:
I2C™ PIN DESCRIPTION
MGC3X30 Pin
Multiplexed Functions
SCL
Serial Clock to Master I2C™
SDA
Serial Data to Master I2C™
TABLE 5-6:
I2C™ DEVICE ID ADDRESS
Device ID Address, 7-bit
A6
A5
A4
A3
A2
A1
A0
1
0
000
1
IS2
TABLE 5-7:
I2C™ DEVICE WRITE ID
ADDRESS (0x84 OR 0x86)
I2C™ Device Write ID Address
A7
A6
A5
A4
A3
A2
A1
A0
1
0
0001
IS2
0
TABLE 5-8:
I2C™ DEVICE READ ID
ADDRESS (0x85 OR 0x87)
I2C™ Device Read ID Address
A7
A6
A5
A4
A3
A2
A1
A0
1
0
0001
IS2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com